Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS410 Datasheet(PDF) 17 Page - Microchip Technology

Part # HCS410
Description  KEELOQ짰 Code Hopping Encoder and Transponder 2-bit CRC, 2-bit queue
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS410 Datasheet(HTML) 17 Page - Microchip Technology

Back Button HCS410 Datasheet HTML 13Page - Microchip Technology HCS410 Datasheet HTML 14Page - Microchip Technology HCS410 Datasheet HTML 15Page - Microchip Technology HCS410 Datasheet HTML 16Page - Microchip Technology HCS410 Datasheet HTML 17Page - Microchip Technology HCS410 Datasheet HTML 18Page - Microchip Technology HCS410 Datasheet HTML 19Page - Microchip Technology HCS410 Datasheet HTML 20Page - Microchip Technology HCS410 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
HCS410
© 2011 Microchip Technology Inc.
DS40158F-page 17
2.6
IFF Special Features
2.6.1
ANTI-COLLISION (ACOLI)
When the ACOLI bit is set in the configuration word,
anti-collision mode is entered. The HCS410 will start
sending ACK pulses when it enters a magnetic field.
The ACK pulses stop as soon as the HCS410 detects
a start bit from the decoder. A ‘select encoder’ opcode
(00000) is then sent out by the decoder, followed by a
32-bit serial number. If the serial number matches the
HCS410’s serial number, the HCS410 will acknowl-
edge with the acknowledge sequence as shown in
Figure 2-18. The HCS410 can then be addressed as
normal. If the serial number does not match, the IFF
encoder will stop transmitting ACK pulses until it is
either removed from the field or the correct serial num-
ber is given.
FIGURE 2-18: SERIAL NUMBER CORRECT
ACKNOWLEDGE SEQUENCE
2.6.2
TRANSPONDER IN/RF OUT
When in transponder mode with ACOLI and XPRF set,
the outputs of the HCS410’s LC0:LC1 pins are echoed
on the PWM output line. After transmitting the data on
the LC pins, the data is then transmitted on the PWM
line. The transmission format mirrors a code hopping
transmission. The response replaces the 32-bit code
hopping portion of the transmission. If the response is
a 16-bit response, the 16 bits are duplicated to make up
the 32-bit code hopping portion. The preamble, serial
number, CRC, and queuing bits are all transmitted as
normal (Figure 2-19).
This feature will be used in applications which use RF
for long distance unidirectional authentication and short
distance IFF.
2.6.3
INTELLIGENT DAMPING
If the LC circuit on the transponder has a high Q-factor,
the circuit will keep on resonating for a long time after
the field has been shut down by the decoder. This
makes fast communication from the decoder to the
HCS410 difficult. If the IDAMP bit is set to 0, the
HCS410 will clamp the LC pins for 5 µs every 1/4 TE,
whenever the HCS410 is expecting data from the
decoder. The intelligent dumping pulses start 64 TE
after the acknowledge pulses have been sent and con-
tinue for 64 TE. If the HSC410 detects data from the
base station while sending out dump pulses, the dump
pulses will continue to be sent. This option can be set
in the configuration word.
2.7
LED Indicator
If a signal is detected on LC0, the LED pin goes high for
30 ms every 8s (IFFB = 0) or 4s (IFFB 1) to indicate that
the power source is charging.
FIGURE 2-19: IFF INDUCTIVE IN RF OUT
FIGURE 2-20: LED INDICATOR WHEN CHARGING POWER SOURCE
LC0/1
TE
TE
3 TE
3 TE
Note:
If code word blanking is enabled, the
HCS410 will not give any ACK pulses after
a read, write or IFF.
Preamble
Header
Response
(32 bits)
Fixed Code
(37 bits)
PWM
LCI0/1
32-bit Response
16-bit
Response
16-bit
Response
Encoder
Select ACK
Opcode
(Read)
Response
(2*+16 bits)
Next
Ack
*2-bit preamble precedes the data.
LC0
LED
IFFB = 0
LED
IFFB = 1
4s
8s
30 ms
2s
4s
30 ms
*Patents have been applied for.
40158F.book Page 17 Wednesday, June 1, 2011 10:36 AM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com