Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS515 Datasheet(PDF) 23 Page - Microchip Technology

Part # HCS515
Description  KEELOQ짰 Code Hopping Decoder stand-alone decoder
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS515 Datasheet(HTML) 23 Page - Microchip Technology

Back Button HCS515 Datasheet HTML 19Page - Microchip Technology HCS515 Datasheet HTML 20Page - Microchip Technology HCS515 Datasheet HTML 21Page - Microchip Technology HCS515 Datasheet HTML 22Page - Microchip Technology HCS515 Datasheet HTML 23Page - Microchip Technology HCS515 Datasheet HTML 24Page - Microchip Technology HCS515 Datasheet HTML 25Page - Microchip Technology HCS515 Datasheet HTML 26Page - Microchip Technology HCS515 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
© 2011 Microchip Technology Inc.
DS40183E-page 23
HCS515
9.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
Ambient temperature under bias............................................................................................................ -40°C to +125°C
Storage temperature .............................................................................................................................. -65 °C to +150°C
Voltage on any pin with respect to VSS (except VDD)......................................................................... -0.6V to VDD +0.6V
Voltage on VDD with respect to Vss ..................................................................................................................0 to +7.0V
Total power dissipation (Note) .............................................................................................................................700 mW
Maximum current out of VSS pin ...........................................................................................................................200 mA
Maximum current into VDD pin ..............................................................................................................................150 mA
Input clamp current, IIK (VI < 0 or VI > VDD) .........................................................................................................± 20 mA
Output clamp current, IOK (VO < 0 or VO >VDD) ..................................................................................................± 20 mA
Maximum output current sunk by any I/O pin..........................................................................................................25 mA
Maximum output current sourced by any I/O pin ....................................................................................................25 mA
Note:
Power dissipation is calculated as follows: PDIS = VDD x {IDD -
∑IOH} + ∑{(VDD–VOH) x IOH} + ∑(VOL x IOL)
NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other condi-
tions above those indicated in the operation listings of this specification is not implied. Exposure to
maximum rating conditions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com