Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS515 Datasheet(PDF) 11 Page - Microchip Technology

Part # HCS515
Description  KEELOQ짰 Code Hopping Decoder stand-alone decoder
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS515 Datasheet(HTML) 11 Page - Microchip Technology

Back Button HCS515 Datasheet HTML 7Page - Microchip Technology HCS515 Datasheet HTML 8Page - Microchip Technology HCS515 Datasheet HTML 9Page - Microchip Technology HCS515 Datasheet HTML 10Page - Microchip Technology HCS515 Datasheet HTML 11Page - Microchip Technology HCS515 Datasheet HTML 12Page - Microchip Technology HCS515 Datasheet HTML 13Page - Microchip Technology HCS515 Datasheet HTML 14Page - Microchip Technology HCS515 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
© 2011 Microchip Technology Inc.
DS40183E-page 11
HCS515
4.2.5
READ BYTE/S FROM USER
EEPROM
The read command (Figure 4-4) is used to read bytes
from the user EEPROM. The offset in the user
EEPROM is specified by the address byte, which is
truncated to 7 bits (C to D). After the address, a dummy
byte must be clocked in (D to E). The EEPROM data
byte is clocked out on the next rising edge of the clock
line with the Least Significant bit first (E to F). Sequen-
tial reads are possible by repeating sequence E to F
within 1 ms after the falling edge of the previous byte’s
Most Significant bit (MSb). During the sequential read,
the address value will wrap after 128 bytes. The
decoder will terminate the read command if no clock
pulses are received for a period longer than 1.2 ms.
4.2.6
WRITE BYTE/S TO USER EEPROM
The write command (Figure 4-5) is used to write a loca-
tion in the user EEPROM. The address byte is trun-
cated to seven bits (C to D). The data is clocked in
Least Significant bit (LSb) first. The clock line must be
asserted to initiate the write. Sequential writes of bytes
are possible by clocking in the byte and then asserting
the clock line (D – F). The decoder will terminate the
write command if no clock pulses are received for a
period longer than 1.2 ms After a successful write
sequence, the decoder will acknowledge by taking the
data line high and keeping it high until the clock line
goes low.
FIGURE 4-4:
READ BYTES FROM USER EEPROM
FIGURE 4-5:
WRITE BYTES TO USER EEPROM
Decoder DATA
MSB
A
Command Byte
START Command
BC
LSB
D
TRD
E
Address Byte
Dummy Byte
CLK
μC DATA
F
Data Byte
MSB
LSB
MSB
LSB
MSB
LSB
TRD
Decoder DATA
MSB
A
Command Byte
START Command
BC
LSB
D
TWR
E
Address Byte
Data Byte
CLK
μC DATA
F
Acknowledge
MSB
LSB
MSB
LSB
TACK
TRESP
TACK2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com