Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS515 Datasheet(PDF) 24 Page - Microchip Technology

Part # HCS515
Description  KEELOQ짰 Code Hopping Decoder stand-alone decoder
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS515 Datasheet(HTML) 24 Page - Microchip Technology

Back Button HCS515 Datasheet HTML 20Page - Microchip Technology HCS515 Datasheet HTML 21Page - Microchip Technology HCS515 Datasheet HTML 22Page - Microchip Technology HCS515 Datasheet HTML 23Page - Microchip Technology HCS515 Datasheet HTML 24Page - Microchip Technology HCS515 Datasheet HTML 25Page - Microchip Technology HCS515 Datasheet HTML 26Page - Microchip Technology HCS515 Datasheet HTML 27Page - Microchip Technology HCS515 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
HCS515
DS40183E-page 24
© 2011 Microchip Technology Inc.
FIGURE 9-1:
RESET WATCHDOG TIMER, OSCILLATOR START-UP TIMER AND POWER-UP
TIMER TIMING
TABLE 9-1:
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
Commercial (C):
0°C
≤TA ≤+70°C
Industrial (I):
-40°C
≤TA ≤+85°C
Symbol
Parameters
Min.
Typ.(†)
Max.
Units
Conditions
VDD
Supply voltage
4.5
—
5.5
V
—
VPOR
VDD start voltage to
ensure RESET
—
Vss
—
V
—
SVDD
VDD rise rate to
ensure RESET
0.05*
—
—
V/ms
—
IDD
Supply current
—
1.8
2.
mA
FOSC = 4 MHz, VDD = 5.5V
IPD
Power-Down Current
—
10
50
μAVDD = 4.5V
VIL
Input low voltage
VSS
—V
MCLR = .2 VDD
VSS
—0.8
V
VDD between 4.5V and 5.5V
VIH
Input high voltage
0.25 VDD + 0.8
—
VDD
VVDD between 4.5V and 5.5V
V
Except MCLR = 0.80 VDD
VOL
Output low voltage
—
—
0.6
V
IOL = 8.5 mA, VDD = 4.5V
VOH
Output high voltage
VDD - 0.7
—
—
V
IOH = -3 mA, VDD = 4.5V
† Data in “Typ” column is at 5.0V, 25
° C unless otherwise stated. These parameters are for design guidance only
and are not tested.
* These parameters are characterized but not tested.
Note:
Negative current is defined as coming out of the pin.
TABLE 9-2:
AC CHARACTERISTICS
Standard Operating Conditions (unless otherwise specified):
Commercial (C):
0°C
≤TA ≤+70°C
Industrial (I):
-40°C
≤TA ≤+85°C
Symbol
Parameters
Min.
Typ.
Max.
Units
Conditions
TE
Transmit elemental period
65
—
660
μs—
TOD
Output delay
48
75
237
ms
—
TMCLR
MCLR low time
150
—
—
ns
—
TOV
Time output valid
—
150
222
ms
—
Note:
These parameters are characterized but not tested.
VDD
MCLR
I/O Pins
Tov
TMCLR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com