Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS515 Datasheet(PDF) 16 Page - Microchip Technology

Part # HCS515
Description  KEELOQ짰 Code Hopping Decoder stand-alone decoder
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS515 Datasheet(HTML) 16 Page - Microchip Technology

Back Button HCS515 Datasheet HTML 12Page - Microchip Technology HCS515 Datasheet HTML 13Page - Microchip Technology HCS515 Datasheet HTML 14Page - Microchip Technology HCS515 Datasheet HTML 15Page - Microchip Technology HCS515 Datasheet HTML 16Page - Microchip Technology HCS515 Datasheet HTML 17Page - Microchip Technology HCS515 Datasheet HTML 18Page - Microchip Technology HCS515 Datasheet HTML 19Page - Microchip Technology HCS515 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
HCS515
DS40183E-page 16
© 2011 Microchip Technology Inc.
5.2
Programming Waveform
The programming command consists of the following:
• Command Request Sequence (A to B)
• Command Byte (B to C)
• Configuration Byte (C to D)
• Manufacturer’s Code Eight Data Bytes (D to G)
• Activation and Acknowledge Sequence (G to H)
5.3
Programming Data String
A total of 80 bits are clocked into the decoder. The 8-bit
command byte is clocked in first, followed by the 8-bit
configuration byte and the 64-bit manufacturer’s code.
The data must be clocked in Least Significant bit (LSb)
first. The decoder will then encrypt the manufacturer’s
code using the decoder’s unique 64-bit EEPROM
encoder decryption key. After completion of the pro-
gramming EEPROM, the decoder will acknowledge by
taking the data line high (G to H). If the data line goes
high within 30 ms after the clock goes high, program-
ming also fails.
FIGURE 5-1:
PROGRAMMING WAVEFORM
MSB
A
Command Byte
START Command
TCLKL
TCLKH
TDS
BC
LSB
TSTART
TDATA
D
TDATA
E
Configuration Byte
Least Significant Byte
TDATA
TREQ
TRESP
CLK
μC Data
MSB
LSB
MSB
LSB
HCS515
Data
TDATA
G
Most Significant Byte
H
TACK
TWTH
Acknowledge
F
TWTL
LSB
MSB
TABLE 5-1:
PROGRAMMING COMMAND
Symbol
Parameters
Sugg. Value
Min.
Max.
Units
TREQ
Command request time
d.o.d.
0.005
500
ms
TRESP
Acknowledge time
100
10
1000
μs
TSTART
Command request to first command bit
100
20
1000
μs
TCLKH
Clock high time
100
20
1000
μs
TCLKL
Clock low time
100
20
1000
μs
TDS
Data hold time
50
14
1000
μs
TDATA
Command last bit to data first bit
100
10
1000
μs
TACK
Command acknowledge time
d.o.d.
30
240
ms
TWTH
Acknowledge respond time
100
20
1000
μs
TWTL
Clock low to next command
100
10
μs
Note:
d.o.d. - depends on decoder status
These parameters are characterized but not tested



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com