Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS515 Datasheet(PDF) 14 Page - Microchip Technology

Part # HCS515
Description  KEELOQ짰 Code Hopping Decoder stand-alone decoder
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS515 Datasheet(HTML) 14 Page - Microchip Technology

Back Button HCS515 Datasheet HTML 10Page - Microchip Technology HCS515 Datasheet HTML 11Page - Microchip Technology HCS515 Datasheet HTML 12Page - Microchip Technology HCS515 Datasheet HTML 13Page - Microchip Technology HCS515 Datasheet HTML 14Page - Microchip Technology HCS515 Datasheet HTML 15Page - Microchip Technology HCS515 Datasheet HTML 16Page - Microchip Technology HCS515 Datasheet HTML 17Page - Microchip Technology HCS515 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
HCS515
DS40183E-page 14
© 2011 Microchip Technology Inc.
4.5
Test Mode
A special Test mode is activated after:
1.
Programming of the manufacturer’s code.
2.
Erasing of all transmitters.
Test mode can be used to test a decoder before any
transmitters are learned on it. Test mode enables test-
ing of decoders without spending the time to learn a
transmitter. Test mode is terminated after the first suc-
cessful learning of an ordinary transmitter. In test
mode, the decoder responds to a test transmitter. The
test transmitter has the following properties:
1.
Encoder decryption key = manufacturer’s code.
2.
Serial number = any value.
3.
Discrimination bits = lower 10 bits of the serial
number.
4.
Synchronization counter value = any value
(synchronization information is ignored).
Because the synchronization counter value is ignored
in Test mode, any number of test transmitters can be
used, even if their synchronization counter values are
different.
4.6
Power Supply Supervisor
Reliable operation of the HCS515 requires that the
contents of the EEPROM memory be protected against
erroneous writes. To ensure that erroneous writes do
not occur after supply voltage “brown-out” conditions,
the use of a proper power supply supervisor device is
imperative (Figure 4-11 and Figure 9-2).
FIGURE 4-10: STAND-ALONE MODE LEARN/ERASE-ALL TIMING
FIGURE 4-11: TYPICAL STAND-ALONE APPLICATION CIRCUIT
DATA
A
Erase-All Activation
TREQ
TLRN
CLK
BC
D
Learn Activation
TERA
Successful
E
TLRN
OUTPUT0
RELAY SPST
VDD
VDD
LEARN
NPN
LED
10K
Ω
VDD
VI
GND
RST
MCP100-450
Voltage Supervisor
NC
NC
VDD
S1
S0
MCLR
NC
NC
NC
VSS
RF_IN
S_CLK
S_DAT
NC
1
2
3
4
5
6
78
9
10
11
12
13
14
X
X
X
X
X
X
10K
Ω
VDD
10K
Ω
from RF Receiver
HCS515
OUTPUT1
RELAY SPST
VDD
NPN
10K
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com