Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIMX536AVV8C Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

Part # PCIMX536AVV8C
Description  Automotive and Infotainment Applications Processors
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX536AVV8C Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button PCIMX536AVV8C Datasheet HTML 40Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 41Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 42Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 43Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 44Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 45Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 46Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 47Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 178 page
background image
i.MX53xA Automotive and Infotainment Applications Processors, Rev. 2
44
Freescale Semiconductor
Electrical Characteristics
4.5.5
LVDS I/O AC Electrical Characteristics
The differential output transition time waveform is shown in Figure 7.
Figure 7. Differential LVDS Driver Transition Time Waveform
Table 29 shows the AC parameters for LVDS I/O.
Output Pad Slew Rate (High Drive)1
tps
15 pF
35 pF
1.05/0.94
0.52/0.49
——
V/ns
Output Pad Slew Rate (Medium Drive)1
tps
15 pF
35 pF
0.76/0.71
0.36/0.34
——
Output Pad Slew Rate (Low Drive)1
tps
15 pF
35 pF
0.40/0.93
0.18/0.18
——
Output Pad di/dt (High Drive)
tdit
—
—
—
82.8
mA/ns
Output Pad di/dt (Medium drive)
tdit
—
—
—
65.6
Output Pad di/dt (Low drive)
tdit
—
—
—
43.1
Input Transition Times2
trm
—
—
—
25
ns
1 tps is measured between VIL to VIH for rising edge and between VIH to VIL for falling edge.
2 Hysteresis mode is recommended for inputs with transition times greater than 25 ns.
Table 29. AC Electrical Characteristics of LVDS Pad
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Transition Low to High Time1
1 Measurement levels are 20-80% from output voltage.
tTLH
Rload = 100
Ω,
Cload = 2 pF
0.26
—
0.5
ns
Transition High to Low Time1
tTHL
0.26
—
0.5
Operating Frequency
f
—
—
300
—
MHz
Offset voltage imbalance
Vos
—
—
—
150
mV
Table 28. AC Electrical Characteristics of UHVIO Pad (High Output Voltage Mode) (continued)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com