Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIMX536AVV8C Datasheet(PDF) 98 Page - Freescale Semiconductor, Inc

Part # PCIMX536AVV8C
Description  Automotive and Infotainment Applications Processors
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX536AVV8C Datasheet(HTML) 98 Page - Freescale Semiconductor, Inc

Back Button PCIMX536AVV8C Datasheet HTML 94Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 95Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 96Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 97Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 98Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 99Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 100Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 101Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 102Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 178 page
background image
i.MX53xA Automotive and Infotainment Applications Processors, Rev. 2
98
Freescale Semiconductor
Electrical Characteristics
4.7.8.8
Asynchronous Interfaces
The following sections describes the types of asynchronous interfaces.
4.7.8.8.1
Standard Parallel Interfaces
The IPU has four signal generator machines for asynchronous signal. Each machine generates IPU’s
internal control levels (0 or 1) by UP and DOWN that are defined in registers. Each asynchronous pin has
a dynamic connection with one of the signal generators. This connection is redefined again with a new
display access (pixel/component). The IPU can generate control signals according to system 80/68
requirements. The burst length is received as a result from predefined behavior of the internal signal
generator machines.
The access to a display is realized by the following:
•
CS (IPP_CS) chip select
•
WR (IPP_PIN_11) write strobe
•
RD (IPP_PIN_12) read strobe
•
RS (IPP_PIN_13) Register select (A0)
Both system 80 and system 68k interfaces are supported for all described modes as depicted in Figure 52,
Figure 53, Figure 54, and Figure 55. The timing images correspond to active-low IPP_CS, WR and RD
signals.
Each asynchronous access is defined by an access size parameter. This parameter can be different between
different kinds of accesses. This parameter defines a length of windows, when suitable controls of the
current access are valid. A pause between two different display accesses can be guaranteed by programing
suitable access sizes. There are no minimal/maximal hold/setup times hard defined by DI. Each control
signal can be switched at any time during access size.
Chroma/Luma Delay Inequality
—
—
1.0
—
±ns
VIDEO PERFORMANCE IN HD MODE2
Luma Frequency Response
0-30 MHz
–0.2
—
0.2
dB
Chroma Frequency Response
0-15 MHz,
YCbCr 422 mode
–0.2
—
0.2
dB
Luma Nonlinearity
—
—
3.2
—
%
Chroma Nonlinearity
—
—
3.4
—
%
Luma Signal-to-Noise Ratio
0-30 MHz
—
62
—
dB
Chroma Signal-to-Noise Ratio
0-15 MHz
—
72
—
dB
1 Guaranteed by design.
2 Guaranteed by characterization.
Table 62. TV Encoder Video Performance Specifications (continued)
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com