Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIMX536AVV8C Datasheet(PDF) 86 Page - Freescale Semiconductor, Inc

Part # PCIMX536AVV8C
Description  Automotive and Infotainment Applications Processors
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX536AVV8C Datasheet(HTML) 86 Page - Freescale Semiconductor, Inc

Back Button PCIMX536AVV8C Datasheet HTML 82Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 83Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 84Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 85Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 86Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 87Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 88Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 89Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 90Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 178 page
background image
i.MX53xA Automotive and Infotainment Applications Processors, Rev. 2
86
Freescale Semiconductor
Electrical Characteristics
4.7.8.4
IPU Display Interface Signal Mapping
The IPU supports a number of display output video formats. Table 59 defines the mapping of the Display
Interface Pins used during various supported video interface formats.
Table 58. Sensor Interface Timing Characteristics
ID
Parameter
Symbol
Min
Max
Unit
IP1
Sensor output (pixel) clock frequency
Fpck
0.01
180
MHz
IP2
Data and control setup time
Tsu
2
—
ns
IP3
Data and control holdup time
Thd
1
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com