Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIMX536AVV8C Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # PCIMX536AVV8C
Description  Automotive and Infotainment Applications Processors
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX536AVV8C Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button PCIMX536AVV8C Datasheet HTML 12Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 13Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 14Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 15Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 16Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 17Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 18Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 19Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 178 page
background image
i.MX53xA Automotive and Infotainment Applications Processors, Rev. 2
16
Freescale Semiconductor
Modules List
UART-1
UART-2
UART-3
UART-4
UART-5
UART Interface
Connectivity
Peripherals
Each of the UART blocks supports the following serial data transmit/receive
protocols and configurations:
• 7 or 8-bit data words, 1 or 2 stop bits, programmable parity (even, odd,
or none)
• Programmable bit-rates up to 4 Mbps. This is a higher max baud rate
relative to the 1.875 Mbps, which is specified by the TIA/EIA-232-F
standard.
• 32-byte FIFO on Tx and 32 half-word FIFO on Rx supporting auto-baud
• IrDA 1.0 support (up to SIR speed of 115200 bps)
• Option to operate as 8-pins full UART, DCE, or DTE
USB
USB Controller
Connectivity
Peripherals
USB supports USB2.0 480 MHz, and contains:
• One high-speed OTG sub-block with integrated HS USB PHY
• One high-speed host sub-block with integrated HS USB PHY
• Two identical high-speed Host modules
The high-speed OTG module, which is internally connected to the HS USB
PHY, is equipped with transceiver-less logic to enable on-board USB
connectivity without USB transceivers
All the USB ports are equipped with standard digital interfaces (ULPI, HS
IC-USB) and transceiver-less logic to enable onboard USB connectivity
without USB transceivers.
VPU
Video Processing
Unit
Multimedia
Peripherals
A high-performing video processing unit (VPU) version 3, which covers
many SD-level video decoders and SD-level encoders as a multi-standard
video codec engine as well as several important video processing such as
rotation and mirroring.
VPU Features:
• MPEG-2 decode, Mail-High profile, up to 1080i/p resolution, 40 Mbps bit
rate
• MPEG4/XviD decode, SP/ASP profile, up to 1080 i/p resolution, 40 Mbps
bit rate
• H.263 decode, P0/P3 profile, up to 16CIF resolution, 20 Mbps bit rate
• Sorenson H.263 decode, 4CIF resolution, 8 Mbps bit rate
• H.264 decode, BP/MP/HP profile, up to 1080 i/p resolution, 40 Mbps bit
rate
• VC1 decode, SP/MP/AP profile, up to 1080 i/p resolution, 40 Mbps bit
rate
• RV10 decode, 8/9/2010 profile, up to 1080 i/p resolution, 40 Mbps bit rate
• DivX decode, 3/4/5/6 profile, up to 1080 i/p resolution, 40 Mbps bit rate
• MJPEG decode, Baseline profile, up to 8192 x 8192 resolution,
40 Mpixel/s bit rate for 4:4:4 format
•MPEG21 encode, Main-Main profile, up to D1 resolution, 15 Mbps bit
rate
• MPEG4 encode, Simple profile, up to 720p resolution, 12 Mbps bit rate2
• H.263 encode, P0/P3 profile, up to 4CIF resolution, 8 Mbps bit rate2
• H.264 encode, Baseline profile, up to 720p resolution, 14 Mbps bit rate2
• MJPEG encode, Baseline profile, up to 8192 x 8192 resolution,
80 Mpixel/s bit rate for 4:2:2 format
WDOG-1
Watch Dog
Timer
Peripherals
The watch dog timer supports two comparison points during each counting
period. Each of the comparison points is configurable to evoke an interrupt
to the ARM core, and a second point evokes an external event on the
WDOG line.
Table 2. i.MX53xA Digital and Analog Blocks (continued)
Block
Mnemonic
Block Name
Subsystem
Brief Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com