Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCIMX536AVV8C Datasheet(PDF) 52 Page - Freescale Semiconductor, Inc

Part # PCIMX536AVV8C
Description  Automotive and Infotainment Applications Processors
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCIMX536AVV8C Datasheet(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button PCIMX536AVV8C Datasheet HTML 48Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 49Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 50Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 51Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 52Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 53Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 54Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 55Page - Freescale Semiconductor, Inc PCIMX536AVV8C Datasheet HTML 56Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 178 page
background image
i.MX53xA Automotive and Infotainment Applications Processors, Rev. 2
52
Freescale Semiconductor
Electrical Characteristics
4.6.6
External Interface Module (EIM)
The following subsections provide information on the EIM.
4.6.6.1
EIM Signal Cross Reference
Table 36 is a guide intended to help the user identify signals in the External Interface Module Chapter of
the Reference Manual which are identical to those mentioned in this data sheet.
4.6.6.2
EIM Interface Pads Allocation
EIM supports16-bit and 8-bit devices operating in address/data separate or multiplexed modes. In some
of the modes the EIM and the NAND FLASH have shared data bus. Table 37 provides EIM interface
pads allocation in different modes.
4 NF17 is defined only in asymmetric operation mode.
NF17 max value is equivalent to max tRHZ value that can be used with NFC.
Taclk is “emi_slow_clk” of the system.
5
NF18 is defined only in Symmetric operation mode.
tDHR (MIN) is calculated by the following formula:
Tdl2 – (tREpd + tDpd)
where tREpd is RE propogation delay in the chip including I/O pad delay, and tDpd is Data propogation delay from I/O pad to
EXTMC including I/O pad delay.
NF18 max value is equivalent to max tRHZ value that can be used with NFC.
Taclk is “emi_slow_clk” of the system.
Table 36. EIM Signal Cross Reference
Reference Manual
EIM Chapter Nomenclature
Data Sheet Nomenclature,
Reference Manual External Signals and Pin Multiplexing Chapter,
and IOMUXC Controller Chapter Nomenclature
BCLK
EIM_BCLK
CSx
EIM_CSx
WE_B
EIM_RW
OE_B
EIM_OE
BEy_B
EIM_EBx
ADV
EIM_LBA
ADDR
EIM_A[25:16], EIM_DA[15:0]
ADDR/M_DATA
EIM_DAx (Addr/Data muxed mode)
DATA
EIM_NFC_D (Data bus shared with NAND Flash)
EIM_Dx (dedicated data bus)
WAIT_B
EIM_WAIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com