Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBA2016AT Datasheet(PDF) 12 Page - NXP Semiconductors

Part # UBA2016AT
Description  600 V fluorescent lamp driver with PFC, linear dimming and boost function
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2016AT Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button UBA2016AT Datasheet HTML 8Page - NXP Semiconductors UBA2016AT Datasheet HTML 9Page - NXP Semiconductors UBA2016AT Datasheet HTML 10Page - NXP Semiconductors UBA2016AT Datasheet HTML 11Page - NXP Semiconductors UBA2016AT Datasheet HTML 12Page - NXP Semiconductors UBA2016AT Datasheet HTML 13Page - NXP Semiconductors UBA2016AT Datasheet HTML 14Page - NXP Semiconductors UBA2016AT Datasheet HTML 15Page - NXP Semiconductors UBA2016AT Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
UBA2016A_15_15A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 1 — 20 May 2011
12 of 42
NXP Semiconductors
UBA2016A/15/15A
600 V fluorescent lamp driver
7.4.1 Reset
When voltage on pin VDD is below the reset voltage Vrst(VDD), both gates of the half-bridge
driver are LOW. All internal latches are reset. When voltage on pin VDD rises above
Vrst(VDD), the IC will enter STANDBY state.
7.4.2 Standby
In STANDBY state the low-side gate driver is on (GLHB is HIGH).The floating supply
capacitor CFSHB is then charged. When the VDD voltage rises above Vstartup(VDD), the
Preheat state is entered.
7.4.3 Oscillating states (Preheat, Ignition and Burn)
The highest and lowest oscillation frequency can be set with capacitor CCF connected to
the CF pin. The oscillator is implemented in such a way that the lowest frequency fsw(low) is
the most accurate. In any oscillating state (Preheat, Ignition or Burn), when VDD voltage
drops below Vstop(VDD) or overtemperature is detected, the half-bridge stops oscillation
when GLHB is HIGH and enters the STANDBY state.
7.4.4 Preheat
The oscillating frequency starts at fsw(high) (see Figure 10 “Resonance curve application
with UBA2015A” or Figure 11 “Resonance curve application with UBA2016A” point A) and
remains at that frequency until the PFC output is sufficient (the voltage at pin FBPFC rises
above the PFC voltage OK threshold voltage on pin FBPFC, Vth(VPFCok)FBPFC) and the
voltages at pins CPT and VFB settle above their pin short protection levels
(VVFB > Vth(osp)(VFB) and VCPT > Vth(scp)(CPT)). The half-bridge current is regulated when in
the Preheat state; see Figure 10 “Resonance curve application with UBA2015A” or Figure
11 “Resonance curve application with UBA2016A” point B. Pin CIFB supplies a current
Ich(CIFB) to the externally connected compensation network on this pin and its voltage will
rise. This will cause the switching frequency to decrease (pin CIFB is the input for the
voltage controlled oscillator). This will cause an increase in half-bridge current (assuming
the switching frequency is higher than the load resonance frequency). This current is
measured via pin SLHB using a resistor connected between the source of the low-side
switch and ground. When the voltage on pin SLHB rises above the preheat current control
voltage Vcrtl(ph)SLHB, discharge current Idch(CIFB) to pin CIFB and the frequency is
increased. When the voltage drops below Vth(ocp)SLHB, current Ich(CIFB) from pin CIFB
causes the frequency to decrease.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com