Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBA2016AT Datasheet(PDF) 24 Page - NXP Semiconductors

Part # UBA2016AT
Description  600 V fluorescent lamp driver with PFC, linear dimming and boost function
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2016AT Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button UBA2016AT Datasheet HTML 20Page - NXP Semiconductors UBA2016AT Datasheet HTML 21Page - NXP Semiconductors UBA2016AT Datasheet HTML 22Page - NXP Semiconductors UBA2016AT Datasheet HTML 23Page - NXP Semiconductors UBA2016AT Datasheet HTML 24Page - NXP Semiconductors UBA2016AT Datasheet HTML 25Page - NXP Semiconductors UBA2016AT Datasheet HTML 26Page - NXP Semiconductors UBA2016AT Datasheet HTML 27Page - NXP Semiconductors UBA2016AT Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
UBA2016A_15_15A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 1 — 20 May 2011
24 of 42
NXP Semiconductors
UBA2016A/15/15A
600 V fluorescent lamp driver
8.
Limiting values
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). All voltages referenced to signal ground (GND
pin 15); current flow into the IC is positive.
Symbol
Parameter
Conditions
Min
Max
Unit
General
Rref(IREF)
reference resistance on
pin IREF
30
36
k
Ω
SR
slew rate
pins FSHB, GHHB and SHHB
−4+4
V/ns
Tamb
ambient temperature
−40
+125
°C
Tj
junction temperature
−40
+150
°C
Tstg
storage temperature
−55
+150
°C
Voltage
VFSHB
voltage on pin FSHB
continuous
0
570
V
t<0.5s
0
630
V
with respect to VSHHB
−0.3
+14
V
VGHHB
voltage on pin GHHB
with respect to VSHHB
−0.3
+14
V
VGLHB
voltage on pin GLHB
−0.3
+14
V
VGPFC
voltage on pin GPFC
−0.3
+14
V
VVDD
voltage on pin VDD
−0.3
+14
V
VAUXPFC
voltage on pin AUXPFC
−9+9
V
VEOL
voltage on pin EOL
−9+9
V
VSLHB
voltage on pin SLHB
−9+9
V
VIFB
voltage on pin IFB
−5+5
V
VDIM
voltage on pin DIM
−0.1
+5
V
VFBPFC
voltage on pin FBPFC
−0.1
+5
V
VBOOST
voltage on pin BOOST
−0.3
+2.2
V
VPH/EN
voltage on pin PH/EN
−0.1
+5
V
VVFB
voltage on pin VFB
−0.1
+5
V
Current
IVDD
current on pin VDD
-
50
mA
IEOL
current on pin EOL
−1+1
mA
ISLHB
current on pin SLHB
−1+1
mA
IBOOST
current on pin BOOST
−50
+50
μA
IAUXPFC
current on pin AUXPFC
−1+1
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com