Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBA2016AT Datasheet(PDF) 1 Page - NXP Semiconductors

Part # UBA2016AT
Description  600 V fluorescent lamp driver with PFC, linear dimming and boost function
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2016AT Datasheet(HTML) 1 Page - NXP Semiconductors

  UBA2016AT Datasheet HTML 1Page - NXP Semiconductors UBA2016AT Datasheet HTML 2Page - NXP Semiconductors UBA2016AT Datasheet HTML 3Page - NXP Semiconductors UBA2016AT Datasheet HTML 4Page - NXP Semiconductors UBA2016AT Datasheet HTML 5Page - NXP Semiconductors UBA2016AT Datasheet HTML 6Page - NXP Semiconductors UBA2016AT Datasheet HTML 7Page - NXP Semiconductors UBA2016AT Datasheet HTML 8Page - NXP Semiconductors UBA2016AT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
1.
General description
The UBA2016A/15/15A are high voltage Integrated Circuits (IC) intended to drive
fluorescent lamps with filaments such as Tube Lamps (TL) and Compact Fluorescent
Lamps (CFL) in general lighting applications. The IC comprises a fluorescent lamp control
module, half-bridge driver, built-in critical conduction mode Power Factor Correction
(PFC) controller/driver and several protection mechanisms. The IC drives fluorescent
lamp(s) using a half-bridge circuit made of two MOSFETs with a supply voltage of up to
600 V.
The UBA2016A/15/15A are designed to be supplied by a start-up bleeder resistor and a
dV/dt supply from the half-bridge circuit, or any other auxiliary supply derived from the
half-bridge or the PFC. The supply current of the IC is low. An internal clamp limits the
supply voltage.
2.
Features and benefits
Power factor correction features:
Integrated 4-pin critical conduction mode PFC controller/driver
Open and short pin-short protection on PFC feedback pin
Overcurrent protection
Overvoltage protection
Half-bridge driver features:
Integrated level-shifter for the high-side driver of the half-bridge
Integrated bootstrap diode for the high-side driver supply of the half-bridge
Independent non-overlap time
Fluorescent lamp controller features:
Linear dimming (UBA2016A and UBA2015A only)
EOL (End-Of-Life) detection (both symmetrical and asymmetrical)
Adjustable preheat time
Adjustable preheat current
Adjustable fixed frequency preheat (UBA2015 and UBA2015A only)
Lamp ignition failure detection
Ignition detection of all lamps fat multiple lamps with separate resonant tanks
Second ignition attempt if first failed
Constant output power independent of mains voltage variations
Automatic restart after changing lamps
Adjustable lamp current boost at start-up (UBA2016A only)
Lamp current control
UBA2016A/15/15A
600 V fluorescent lamp driver with PFC, linear dimming and
boost function
Rev. 1 — 20 May 2011
Objective data sheet


Similar Part No. - UBA2016AT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA2016A PHILIPS-UBA2016A Datasheet
381Kb / 42P
600 V fluorescent lamp driver with PFC, linear dimming and boost function
Rev. 3-16 November 2011
UBA2016A_1111 PHILIPS-UBA2016A_1111 Datasheet
381Kb / 42P
600 V fluorescent lamp driver with PFC, linear dimming and boost function
Rev. 3-16 November 2011
More results

Similar Description - UBA2016AT

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC1209 OKI-MSC1209 Datasheet
172Kb / 16P
42-Bit Vacuum Fluorescent Display Tube Driver with Digital Dimming Function
logo
Cirrus Logic
CRD1601-120W CIRRUS-CRD1601-120W Datasheet
290Kb / 12P
High-efficiency PFC Fluorescent Lamp Driver Reference Design
logo
NXP Semiconductors
UBA2016A_1111 PHILIPS-UBA2016A_1111 Datasheet
381Kb / 42P
600 V fluorescent lamp driver with PFC, linear dimming and boost function
Rev. 3-16 November 2011
logo
Fairchild Semiconductor
FLS0116 FAIRCHILD-FLS0116 Datasheet
1Mb / 13P
MOSFET Integrated Smart LED Lamp Driver IC with PFC Function
AN-9744 FAIRCHILD-AN-9744 Datasheet
988Kb / 7P
Smart LED Lamp Driver IC with PFC Function
FL7701MX FAIRCHILD-FL7701MX Datasheet
3Mb / 13P
Smart LED Lamp Driver IC with PFC Function
logo
Monolithic Power System...
HR2000 MPS-HR2000 Datasheet
992Kb / 20P
Fluorescent Lamp HB Driver with PFC
logo
NXP Semiconductors
AN10958 PHILIPS-AN10958_15 Datasheet
2Mb / 56P
Fluorescent lamp driver with PFC using the UBA2015/16 family
Rev. 2-9 August 2012
UBA2017 PHILIPS-UBA2017 Datasheet
530Kb / 29P
600 V fluorescent lamp driver with linear dimming function
Rev. 2-15 May 2012
logo
ON Semiconductor
FL7701 ONSEMI-FL7701 Datasheet
2Mb / 15P
Smart LED Lamp Driver IC with PFC Function
June 2013 Rev. 1.0.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com