Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBA2016AT Datasheet(PDF) 15 Page - NXP Semiconductors

Part # UBA2016AT
Description  600 V fluorescent lamp driver with PFC, linear dimming and boost function
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2016AT Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button UBA2016AT Datasheet HTML 11Page - NXP Semiconductors UBA2016AT Datasheet HTML 12Page - NXP Semiconductors UBA2016AT Datasheet HTML 13Page - NXP Semiconductors UBA2016AT Datasheet HTML 14Page - NXP Semiconductors UBA2016AT Datasheet HTML 15Page - NXP Semiconductors UBA2016AT Datasheet HTML 16Page - NXP Semiconductors UBA2016AT Datasheet HTML 17Page - NXP Semiconductors UBA2016AT Datasheet HTML 18Page - NXP Semiconductors UBA2016AT Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
UBA2016A_15_15A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 1 — 20 May 2011
15 of 42
NXP Semiconductors
UBA2016A/15/15A
600 V fluorescent lamp driver
7.4.7.1
Lamp current control and dimming
The AC lamp current is sensed by an external resistor connected to pin IFB. The resulting
AC voltage on pin IFB is internally Double-Side Rectified (DSR), and compared to a
reference level by an OTA. This reference level is determined by the internal reference
regulation level Vreg(ref) and the voltage on the DIM input (UBA2015A and UBA2016A
only), as shown in Figure 12 “Lamp current control”.
Definition: the regulation voltage on pin IFB (Vreg(IFB)) is the level seen from outside the IC
to which the IC will try to regulate the average absolute voltage on pin IFB.
If the DIM input is not present or not connected or VDIM >Vreg(ref) then Vreg(IFB) is
Vreg(ref) + non-idealities from the OTA and the DSR else Vreg(IFB) =VDIM + non-idealities
from OTA and DSR.
For the UBA2016A Vreg(IFB) also depends on the input current on pin BOOST (IBOOST).
The boost current is multiplied and added to the OTA output current which translates to an
extra voltage being added to Vreg(ref). See Section 7.4.7.3 “Boost” for further detail about
the boost function. For the remainder of this Section we will assume IBOOST =0.
For the UBA2015A and UBA2016A the DIM input controls the lamp current set point. The
DIM input level is internally clamped to Vreg(ref). The lowest possible DIM input level is set
by the bias current on pin DIM Ibias(DIM) and the external resistance on the pin. If no
dimming is required, pin DIM can be left open or connected via a capacitor to ground. The
internal current source Ibias(DIM) will then charge the pin until it is internally clamped to
Vreg(ref).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com