Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBA2016AT Datasheet(PDF) 30 Page - NXP Semiconductors

Part # UBA2016AT
Description  600 V fluorescent lamp driver with PFC, linear dimming and boost function
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2016AT Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button UBA2016AT Datasheet HTML 26Page - NXP Semiconductors UBA2016AT Datasheet HTML 27Page - NXP Semiconductors UBA2016AT Datasheet HTML 28Page - NXP Semiconductors UBA2016AT Datasheet HTML 29Page - NXP Semiconductors UBA2016AT Datasheet HTML 30Page - NXP Semiconductors UBA2016AT Datasheet HTML 31Page - NXP Semiconductors UBA2016AT Datasheet HTML 32Page - NXP Semiconductors UBA2016AT Datasheet HTML 33Page - NXP Semiconductors UBA2016AT Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
UBA2016A_15_15A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 1 — 20 May 2011
30 of 42
NXP Semiconductors
UBA2016A/15/15A
600 V fluorescent lamp driver
Table 7.
Default settings for characteristics
Pin name
Pin
Application
SLHB
1
connected to ground
IFB
2
connected to ground
EOL
3
connected to a 2 V test supply
VFB
4
connected to a 2 V test supply
IREF
5
connected via a 33 k
Ω resistor to ground
CIFB
6
connected via a 100 nF capacitor to ground
CF
7
connected via a 200 pF C0G (NP0) capacitor to ground
CPT
8
connected via a 100 nF capacitor to ground
DIM
9
connected via a 100 pF capacitor to ground
BOOST
10
connected to ground; UBA2016A
PH/EN
10
not connected; UBA2015 and UBA2015A
FBPFC
11
connected to a 1.27 V test supply
COMPPFC
12
connected via a 100 nF capacitor to ground
AUXPFC
13
connected to ground
GPFC
14
not connected (open)
GND
15
connected to ground
VDD
16
connected to a 13 V test supply
GLHB
17
not connected (open)
SHHB
18
connected to ground
FSHB
19
connected to a 13 V test supply
GHHB
20
not connected (open)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com