Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1874ARQZ-0.3-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # ADP1874ARQZ-0.3-R7
Description  Synchronous Buck Controller with Constant On-Time and Valley Current Mode
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1874ARQZ-0.3-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADP1874ARQZ-0.3-R7 Datasheet HTML 23Page - Analog Devices ADP1874ARQZ-0.3-R7 Datasheet HTML 24Page - Analog Devices ADP1874ARQZ-0.3-R7 Datasheet HTML 25Page - Analog Devices ADP1874ARQZ-0.3-R7 Datasheet HTML 26Page - Analog Devices ADP1874ARQZ-0.3-R7 Datasheet HTML 27Page - Analog Devices ADP1874ARQZ-0.3-R7 Datasheet HTML 28Page - Analog Devices ADP1874ARQZ-0.3-R7 Datasheet HTML 29Page - Analog Devices ADP1874ARQZ-0.3-R7 Datasheet HTML 30Page - Analog Devices ADP1874ARQZ-0.3-R7 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
ADP1874/ADP1875
Rev. 0 | Page 27 of 44
APPLICATIONS INFORMATION
FEEDBACK RESISTOR DIVIDER
The required resistor divider network can be determined for a
given VOUT value because the internal band gap reference (VREF)
is fixed at 0.6 V. Selecting values for RT and RB determines the
minimum output load current of the converter. Therefore, for
a given value of RB, the RT value can be determined through the
following expression:
V
6
.
0
V)
6
.
0
(
−
×
=
OUT
B
T
V
R
R
INDUCTOR SELECTION
The inductor value is inversely proportional to the inductor
ripple current. The peak-to-peak ripple current is given by
3
LOAD
LOAD
I
L
I
I
K
I
≈
×
=
Δ
where KI is typically 0.33.
The equation for the inductor value is given by
IN
OUT
SW
L
OUT
IN
V
V
f
I
V
V
L
×
×
Δ
−
=
)
(
where:
VIN is the high voltage input.
VOUT is the desired output voltage.
fSW is the controller switching frequency (300 kHz, 600 kHz,
or 1.0 MHz).
When selecting the inductor, choose an inductor saturation
rating that is above the peak current level, and then calculate
the inductor current ripple (see the Valley Current-Limit
Setting section and Figure 85).
52
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
42
44
46
48
50
6
8
10
12
14
16
18
20
22
24
26
28
30
VALLEY CURRENT LIMIT (A)
∆I = 50%
∆I = 40%
∆I = 33%
Figure 85. Peak Inductor Current vs. Valley Current Limit for 33%, 40%, and
50% of Inductor Ripple Current
Table 8. Recommended Inductors
L
(μH)
DCR
(mΩ)
ISAT
(A)
Dimensions
(mm)
Manufacturer
Model
Number
0.12
0.33
55
10.2 × 7
Würth Elek.
744303012
0.22
0.33
30
10.2 × 7
Würth Elek.
744303022
0.47
0.8
50
14.2 × 12.8
Würth Elek.
744355147
0.72
1.65
35
10.5 × 10.2
Würth Elek.
744325072
0.9
1.6
32
14 × 12.8
Würth Elek.
744318120
1.2
1.8
25
10.5 × 10.2
Würth Elek.
744325120
1.0
3.8
16
10.2 × 10.2
Würth Elek.
7443552100
1.4
3.2
24
14 × 12.8
Würth Elek.
744318180
2.0
2.0
23
10.2 × 10.2
Würth Elek.
7443551200
0.8
27.5
Sumida
CEP125U-0R8
OUTPUT RIPPLE VOLTAGE (ΔVRR)
The output ripple voltage is the ac component of the dc output
voltage during steady state. For a ripple error of 1.0%, the output
capacitor value needed to achieve this tolerance can be determined
using the following equation. (Note that an accuracy of 1.0% is
only possible during steady state conditions, not during load
transients.)
ΔVRR = (0.01) × VOUT
OUTPUT CAPACITOR SELECTION
The primary objective of the output capacitor is to facilitate the
reduction of the output voltage ripple; however, the output capacitor
also assists in the output voltage recovery during load transient
events. For a given load current step, the output voltage ripple
generated during this step event is inversely proportional to the
value chosen for the output capacitor. The speed at which the
output voltage settles during this recovery period depends on
where the crossover frequency (loop bandwidth) is set. This
crossover frequency is determined by the output capacitor, the
equivalent series resistance (ESR) of the capacitor, and the
compensation network.
To calculate the small signal voltage ripple (output ripple voltage) at
the steady state operating point, use the following equation:
[]⎟
⎟
⎠
⎞
⎜⎜
⎝
⎛
×
Δ
−
Δ
×
×
×
Δ
=
)
(
8
1
ESR
I
V
f
I
C
L
RIPPLE
SW
L
OUT
where ESR is the equivalent series resistance of the output
capacitors.
To calculate the output load step, use the following equation:
))
(
(
2
ESR
I
V
f
I
C
LOAD
DROOP
SW
LOAD
OUT
×
Δ
−
Δ
×
Δ
×
=
where ΔVDROOP is the amount that VOUT is allowed to deviate for
a given positive load current step (ΔILOAD).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com