Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1874ARQZ-0.3-R7 Datasheet(PDF) 38 Page - Analog Devices

Part # ADP1874ARQZ-0.3-R7
Description  Synchronous Buck Controller with Constant On-Time and Valley Current Mode
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1874ARQZ-0.3-R7 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADP1874ARQZ-0.3-R7 Datasheet HTML 34Page - Analog Devices ADP1874ARQZ-0.3-R7 Datasheet HTML 35Page - Analog Devices ADP1874ARQZ-0.3-R7 Datasheet HTML 36Page - Analog Devices ADP1874ARQZ-0.3-R7 Datasheet HTML 37Page - Analog Devices ADP1874ARQZ-0.3-R7 Datasheet HTML 38Page - Analog Devices ADP1874ARQZ-0.3-R7 Datasheet HTML 39Page - Analog Devices ADP1874ARQZ-0.3-R7 Datasheet HTML 40Page - Analog Devices ADP1874ARQZ-0.3-R7 Datasheet HTML 41Page - Analog Devices ADP1874ARQZ-0.3-R7 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
ADP1874/ADP1875
Rev. 0 | Page 38 of 44
BOTTOM
RESISTOR TAP
TO ANALOG
GROUND PLANE
PGND SENSE TAP FROM
NEGATIVE TERMINALS OF
THE OUTPUT BULK
CAPACITORS. THIS
TRACK PLACEMENT
SHOULD BE DIRECTLY
BELOW THE VOUT SENSE
LINE OF LAYER 3.
Figure 94. Layer 4 (Bottom Layer) of Evaluation Board
The SW node is near the top of the evaluation board. The SW
node should use the least amount of area possible and be away
from any sensitive analog circuitry and components. This is
because the SW node is where most sudden changes in flux
density occur. When possible, replicate this pad onto Layer 2
and Layer 3 for thermal relief and eliminate any other voltage and
current pathways directly beneath the SW node plane. Populate
the SW node plane with vias, mainly around the exposed pad of
the inductor terminal and around the perimeter of the source of
Q1/Q2 and the drain of Q3/Q4. The output voltage power plane
(VOUT) is at the rightmost end of the evaluation board. This plane
should be replicated, descending down to multiple layers with
vias surrounding the inductor terminal and the positive terminals
of the output bulk capacitors. Ensure that the negative terminals of
the output capacitors are placed close to the main power ground
(PGND), as previously mentioned. All of these points form a
tight circle (component geometry permitting) that minimizes
the area of flux change as the event switches between D and 1 − D.
IC SECTION (LEFT SIDE OF EVALUATION BOARD)
A dedicated plane for the analog ground plane (GND) should
be separate from the main power ground plane (PGND). With
the shortest path possible, connect the analog ground plane to
the GND pin (Pin 5). This plane should be on only the top layer
of the evaluation board. To avoid crosstalk interference, there
should not be any other voltage or current pathway directly below
this plane on Layer 2, Layer 3, or Layer 4. Connect the negative
terminals of all sensitive analog components to the analog ground
plane. Examples of such sensitive analog components include
the resistor divider’s bottom resistor, the high frequency bypass
capacitor for biasing (0.1 μF), and the compensation network.
Mount a 1 μF bypass capacitor directly across the VREG pin
(Pin 7) and the PGND pin (Pin 13). In addition, a 0.1 μF should
be tied across the VREG pin (Pin 7) and the GND pin (Pin 5).
POWER SECTION
As shown in Figure 91, an appropriate configuration to localize
large current transfer from the high voltage input (VIN) to the
output (VOUT) and then back to the power ground is to put the
VIN plane on the left, the output plane on the right, and the main
power ground plane in between the two. Current transfers from
the input capacitors to the output capacitors, through Q1/Q2,
during the on state (see Figure 95). The direction of this current
(yellow arrow) is maintained as Q1/Q2 turns off and Q3/Q4 turns
on. When Q3/Q4 turns on, the current direction continues to be
maintained (yellow arrow) as it circles from the bulk capacitor
power ground terminal to the output capacitors, through
Q3/Q4. Arranging the power planes in this manner minimizes
the area in which changes in flux occur if the current through
Q1/Q2 stops abruptly. Sudden changes in flux, usually at the
source terminals of Q1/Q2 and the drain terminal of Q3/Q4,
cause large dv/dt at the SW node.
Figure 95. Primary Current Pathways During the On State of the Upper-Side
MOSFET (Left Arrow) and the On State of the Lower-Side MOSFET (Right Arrow)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com