Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1874ARQZ-0.3-R7 Datasheet(PDF) 42 Page - Analog Devices

Part # ADP1874ARQZ-0.3-R7
Description  Synchronous Buck Controller with Constant On-Time and Valley Current Mode
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1874ARQZ-0.3-R7 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADP1874ARQZ-0.3-R7 Datasheet HTML 36Page - Analog Devices ADP1874ARQZ-0.3-R7 Datasheet HTML 37Page - Analog Devices ADP1874ARQZ-0.3-R7 Datasheet HTML 38Page - Analog Devices ADP1874ARQZ-0.3-R7 Datasheet HTML 39Page - Analog Devices ADP1874ARQZ-0.3-R7 Datasheet HTML 40Page - Analog Devices ADP1874ARQZ-0.3-R7 Datasheet HTML 41Page - Analog Devices ADP1874ARQZ-0.3-R7 Datasheet HTML 42Page - Analog Devices ADP1874ARQZ-0.3-R7 Datasheet HTML 43Page - Analog Devices ADP1874ARQZ-0.3-R7 Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
ADP1874/ADP1875
Rev. 0 | Page 42 of 44
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-137-AB
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETERS DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
16
9
8
1
SEATING
PLANE
0.010 (0.25)
0.004 (0.10)
0.012 (0.30)
0.008 (0.20)
0.025 (0.64)
BSC
0.041 (1.04)
REF
0.010 (0.25)
0.006 (0.15)
0.050 (1.27)
0.016 (0.41)
0.020 (0.51)
0.010 (0.25)
8°
0°
COPLANARITY
0.004 (0.10)
0.065 (1.65)
0.049 (1.25)
0.069 (1.75)
0.053 (1.35)
0.197 (5.00)
0.193 (4.90)
0.189 (4.80)
0.158 (4.01)
0.154 (3.91)
0.150 (3.81)
0.244 (6.20)
0.236 (5.99)
0.228 (5.79)
Figure 100. 16-Lead Shrink Small Outline Package [QSOP]
(RQ-16)
Dimensions shown in inches and (millimeters)
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Branding
(1st Line/2nd Line)
ADP1874ARQZ-0.3-R7
−40°C to +125°C
16-Lead Shrink Small Outline Package [QSOP]
RQ-16
1874/0.3
ADP1874ARQZ-0.6-R7
−40°C to +125°C
16-Lead Shrink Small Outline Package [QSOP]
RQ-16
1874/0.6
ADP1874ARQZ-1.0-R7
−40°C to +125°C
16-Lead Shrink Small Outline Package [QSOP]
RQ-16
1874/1.0
ADP1874-0.3-EVALZ
Evaluation Board
ADP1874-0.6-EVALZ
Evaluation Board
ADP1874-1.0-EVALZ
Evaluation Board
ADP1875ARQZ-0.3-R7
−40°C to +125°C
16-Lead Shrink Small Outline Package [QSOP]
RQ-16
1875/0.3
ADP1875ARQZ-0.6-R7
−40°C to +125°C
16-Lead Shrink Small Outline Package [QSOP]
RQ-16
1875/0.6
ADP1875ARQZ-1.0-R7
−40°C to +125°C
16-Lead Shrink Small Outline Package [QSOP]
RQ-16
1875/1.0
ADP1875-0.3-EVALZ
Evaluation Board
ADP1875-0.6-EVALZ
Evaluation Board
ADP1875-1.0-EVALZ
Evaluation Board
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com