Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1874ARQZ-0.3-R7 Datasheet(PDF) 35 Page - Analog Devices

Part # ADP1874ARQZ-0.3-R7
Description  Synchronous Buck Controller with Constant On-Time and Valley Current Mode
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1874ARQZ-0.3-R7 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADP1874ARQZ-0.3-R7 Datasheet HTML 31Page - Analog Devices ADP1874ARQZ-0.3-R7 Datasheet HTML 32Page - Analog Devices ADP1874ARQZ-0.3-R7 Datasheet HTML 33Page - Analog Devices ADP1874ARQZ-0.3-R7 Datasheet HTML 34Page - Analog Devices ADP1874ARQZ-0.3-R7 Datasheet HTML 35Page - Analog Devices ADP1874ARQZ-0.3-R7 Datasheet HTML 36Page - Analog Devices ADP1874ARQZ-0.3-R7 Datasheet HTML 37Page - Analog Devices ADP1874ARQZ-0.3-R7 Datasheet HTML 38Page - Analog Devices ADP1874ARQZ-0.3-R7 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
ADP1874/ADP1875
Rev. 0 | Page 35 of 44
Marking Code
(First Line/Second Line)
SAP Model
ADP1874
ADP1875
VOUT
(V)
VIN
(V)
CIN
(μF)
COUT (μF)
L1
(μH)
RC
(kΩ)
CCOMP
(pF)
CPAR
(pF)
RTOP
(kΩ)
ADP1874ARQZ-1.0-R7/
1874/1.0
1875/1.0
0.8
5.5
5 × 222
4 × 2704
0.22
54.9
200
20
0.3
ADP1875ARQZ-1.0-R7
1874/1.0
1875/1.0
1.2
5.5
5 × 222
2 × 3305
0.22
49.3
220
22
1.0
1874/1.0
1875/1.0
1.8
5.5
3 × 222
3 × 1808
0.22
56.9
130
13
2.0
1874/1.0
1875/1.0
2.5
5.5
3 × 222
2704
0.22
54.9
130
13
3.2
1874/1.0
1875/1.0
1.2
13
3 × 109
3 × 3305
0.22
53.6
200
20
1.0
1874/1.0
1875/1.0
1.8
13
4 × 109
3 × 2704
0.47
56.9
180
18
2.0
1874/1.0
1875/1.0
2.5
13
4 × 109
2704
0.47
54.9
180
18
3.2
1874/1.0
1875/1.0
3.3
13
5 × 109
2704
0.72
56.2
180
18
4.5
1874/1.0
1875/1.0
5
13
4 × 109
3 × 476
1.0
40.7
220
22
7.3
1874/1.0
1875/1.0
1.2
16.5
3 × 109
4 × 2704
0.47
56.9
270
27
1.0
1874/1.0
1875/1.0
1.8
16.5
3 × 109
3 × 2704
0.47
56.9
220
22
2.0
1874/1.0
1875/1.0
2.5
16.5
4 × 109
3 × 1808
0.72
56.9
200
20
3.2
1874/1.0
1875/1.0
3.3
16.5
4 × 109
2704
0.72
56.2
180
18
4.5
1874/1.0
1875/1.0
5
16.5
3 × 109
3 × 476
1.2
40.7
220
22
7.3
1874/1.0
1875/1.0
7
16.5
3 × 109
222 + 476
1.2
40.7
180
18
10.7
1 See the
section and
.
Inductor Selection
Table 11
Table 11. Recommended Inductors
2 22 μF Murata 25 V, X7R, 1210 GRM32ER71E226KE15L (3.2 mm × 2.5 mm × 2.5 mm).
3 560 μF Panasonic (SP-series) 2 V, 7 mΩ, 3.7 A EEFUE0D561LR (4.3 mm × 7.3 mm × 4.2 mm).
4 270 μF Panasonic (SP-series) 4 V, 7 mΩ, 3.7 A EEFUE0G271LR (4.3 mm × 7.3 mm × 4.2 mm).
5 330 μF Panasonic (SP-series) 4 V, 12 mΩ, 3.3 A EEFUE0G331R (4.3 mm × 7.3 mm × 4.2 mm).
6 47 μF Murata 16 V, X5R, 1210 GRM32ER61C476KE15L (3.2 mm × 2.5 mm × 2.5 mm).
7 150 μF Panasonic (SP-series) 6.3 V, 10 mΩ, 3.5 A EEFUE0J151XR (4.3 mm × 7.3 mm × 4.2 mm).
8 180 μF Panasonic (SP-series) 4 V, 10 mΩ, 3.5 A EEFUE0G181XR (4.3 mm × 7.3 mm × 4.2 mm).
9 10 μF TDK 25 V, X7R, 1210 C3225X7R1E106M.
L (μH)
DCR (mΩ)
ISAT (A)
Dimension (mm)
Manufacturer
Model Number
0.12
0.33
55
10.2 × 7
Würth Elektronik
744303012
0.22
0.33
30
10.2 × 7
Würth Elektronik
744303022
0.47
0.8
50
14.2 × 12.8
Würth Elektronik
744355147
0.72
1.65
35
10.5 × 10.2
Würth Elektronik
744325072
0.9
1.6
32
14 × 12.8
Würth Elektronik
744318120
1.2
1.8
25
10.5 × 10.2
Würth Elektronik
744325120
1.0
3.8
16
10.2 × 10.2
Würth Elektronik
7443552100
1.4
3.2
24
14 × 12.8
Würth Elektronik
744318180
2.0
2.6
23
10.2 × 10.2
Würth Elektronik
7443551200
0.8
27.5
Sumida
CEP125U-0R8
Table 12. Recommended MOSFETs
VGS = 4.5 V
RON (mΩ)
ID (A)
VDS (V)
CIN (nF)
QTOTAL (nC)
Package
Manufacturer
Model Number
Upper-Side MOSFET
(Q1/Q2)
5.4
47
30
3.2
20
PG-TDSON8
Infineon
BSC042N03MS G
10.2
53
30
1.6
10
PG-TDSON8
Infineon
BSC080N03MS G
6.0
19
30
35
SO-8
Vishay
Si4842DY
9
14
30
2.4
25
SO-8
International Rectifier
IRF7811
Lower-Side MOSFET
(Q3/Q4)
5.4
47
30
3.2
20
PG-TDSON8
Infineon
BSC042N03MS G
10.2
82
30
1.6
10
PG-TDSON8
Infineon
BSC080N03MS G
6.0
19
30
35
SO-8
Vishay
Si4842DY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com