Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1874ARQZ-0.3-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # ADP1874ARQZ-0.3-R7
Description  Synchronous Buck Controller with Constant On-Time and Valley Current Mode
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1874ARQZ-0.3-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADP1874ARQZ-0.3-R7 Datasheet HTML 27Page - Analog Devices ADP1874ARQZ-0.3-R7 Datasheet HTML 28Page - Analog Devices ADP1874ARQZ-0.3-R7 Datasheet HTML 29Page - Analog Devices ADP1874ARQZ-0.3-R7 Datasheet HTML 30Page - Analog Devices ADP1874ARQZ-0.3-R7 Datasheet HTML 31Page - Analog Devices ADP1874ARQZ-0.3-R7 Datasheet HTML 32Page - Analog Devices ADP1874ARQZ-0.3-R7 Datasheet HTML 33Page - Analog Devices ADP1874ARQZ-0.3-R7 Datasheet HTML 34Page - Analog Devices ADP1874ARQZ-0.3-R7 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
ADP1874/ADP1875
Rev. 0 | Page 31 of 44
THERMAL CONSIDERATIONS
The ADP1874/ADP1875 are used for dc-to-dc, step down, high
current applications that have an on-board controller, an on-board
LDO, and on-board MOSFET drivers. Because applications may
require up to 20 A of load current and be subjected to high ambient
temperature, the selection of external upper- and lower-side
MOSFETs must be associated with careful thermal consideration
to not exceed the maximum allowable junction temperature of
125°C. To avoid permanent or irreparable damage, if the junction
temperature reaches or exceeds 155°C, the part enters thermal
shutdown, turning off both external MOSFETs and is not re-
enabled until the junction temperature cools to 140°C (see the
On-Board Low Dropout Regulator section).
In addition, it is important to consider the thermal impedance
of the package. Because the ADP1874/ADP1875 employ an
on-board LDO, the ac current (fxCxV) consumed by the internal
drivers to drive the external MOSFETs, adds another element of
power dissipation across the internal LDO. Equation 3 shows the
power dissipation calculations for the integrated drivers and for
the internal LDO.
Table 9 lists the thermal impedance for the ADP1874/ADP1875,
which are available in a 16-lead QSOP.
Table 9. Thermal Impedance for 16-lead QSOP
Parameter
Thermal Impedance
16-Lead QSOP θJA
4-Layer Board
104°C/W
Figure 89 specifies the maximum allowable ambient temperature
that can surround the ADP1874/ADP1875 IC for a specified
high input voltage (VIN). Figure 89 illustrates the temperature
derating conditions for each available switching frequency for
low, typical, and high output setpoints for the 16-lead QSOP
package. All temperature derating criteria are based on a
maximum IC junction temperature of 125°C.
150
30
40
50
60
70
80
90
100
110
120
130
140
5.5
19.0
17.5
16.0
14.5
13.0
11.5
10.0
8.5
7.0
VIN (V)
VOUT = 0.8V
VOUT = 1.8V
VOUT = HIGH SETPOINT
600kHz
300kHz
1MHz
Figure 89. Ambient Temperature vs. VIN,
4-Layer EVB, CIN = 4.3 nF (Upper-/Lower-Side MOSFET)
The maximum junction temperature allowed for the ADP1874/
ADP1875 ICs is 125°C. This means that the sum of the ambient
temperature (TA) and the rise in package temperature (TR), which is
caused by the thermal impedance of the package and the internal
power dissipation, should not exceed 125°C, as dictated by the
following expression:
TJ = TR × TA
(1)
where:
TJ is the maximum junction temperature.
TR is the rise in package temperature due to the power
dissipated from within.
TA is the ambient temperature.
The rise in package temperature is directly proportional to its
thermal impedance characteristics. The following equation
represents this proportionality relationship:
TR = θJA × PDR(LOSS)
(2)
where:
θJA is the thermal resistance of the package from the junction to
the outside surface of the die, where it meets the surrounding air.
PDR(LOSS) is the overall power dissipated by the IC.
The bulk of the power dissipated is due to the gate capacitance of
the external MOSFETs and current running through the on-board
LDO. The power loss equations for the MOSFET drivers and
internal low dropout regulator (see the MOSFET Driver Loss
section and the Efficiency Consideration section) are
PDR(LOSS) = [VDR × (fSWCupperFETVDR + IBIAS)] +
[VREG × (fSWClowerFET VREG + IBIAS)]
(3)
where:
CupperFET is the input gate capacitance of the upper-side MOSFET.
ClowerFET is the input gate capacitance of the lower-side MOSFET.
IBIAS is the dc current (2 mA) flowing into the upper- and lower-
side drivers.
VDR is the driver bias voltage (the low input voltage (VREG) minus
the rectifier drop (see Figure 87)).
VREG is the LDO output/bias voltage.
)
(
)
(
)
(
)
(
BIAS
TOTAL
SW
IN
LOSS
DR
LDO
DISS
I
VREG
C
f
VREG
V
P
P
+
×
×
×
−
+
=
(4)
where:
PDISS(LDO) is the power dissipated through the pass device in the
LDO block across VIN and VREG.
PDR(LOSS) is the MOSFET driver loss.
VIN is the high voltage input.
VREG is the LDO output voltage and bias voltage.
CTOTAL is the CGD + CGS of the external MOSFET.
IBIAS is the dc input bias current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com