Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5033ACBZ-1-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP5033ACBZ-1-R7
Description  Dual 3 MHz, 800 mA Buck Regulators with Two 300 mA LDOs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5033ACBZ-1-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP5033ACBZ-1-R7 Datasheet HTML 1Page - Analog Devices ADP5033ACBZ-1-R7 Datasheet HTML 2Page - Analog Devices ADP5033ACBZ-1-R7 Datasheet HTML 3Page - Analog Devices ADP5033ACBZ-1-R7 Datasheet HTML 4Page - Analog Devices ADP5033ACBZ-1-R7 Datasheet HTML 5Page - Analog Devices ADP5033ACBZ-1-R7 Datasheet HTML 6Page - Analog Devices ADP5033ACBZ-1-R7 Datasheet HTML 7Page - Analog Devices ADP5033ACBZ-1-R7 Datasheet HTML 8Page - Analog Devices ADP5033ACBZ-1-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Dual 3 MHz, 800 mA Buck
Regulators with Two 300 mA LDOs
ADP5033
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
FEATURES
Main input voltage range: 2.3 V to 5.5 V
Two 800 mA buck regulators and two 300 mA LDOs
Tiny, 16-ball, 2 mm × 2 mm WLCSP package
Regulator accuracy: ±3%
Factory programmable VOUTx
3 MHz buck operation with forced PWM and auto PWM/PSM
modes
BUCK1/BUCK2: output voltage range from 0.8 V to 3.3 V
LDO1/LDO2: output voltage range from 0.8 V to 3.3V
LDO1/LDO2: low input supply voltage from 1.7 V to 5.5 V
LDO1/LDO2: high PSRR and low output noise
APPLICATIONS
Power for processors, ASICS, FPGAs, and RF chipsets
Portable instrumentation and medical devices
Space constrained devices
GENERAL DESCRIPTION
The ADP5033 combines two high performance buck regulators
and two low dropout regulators (LDO) in a tiny, 16-ball, 2 mm ×
2 mm WLCSP to meet demanding performance and board
space requirements.
The high switching frequency of the buck regulators enables
tiny multilayer external components and minimizes the board
space. When the MODE pin is set high, the buck regulators
operate in forced PWM mode. When the MODE pin is set low,
the buck regulators operate in
P M . When
around the nominal value and the load current falls
predefined threshold, the regulator operates in
improving the light load efficiency.
The two bucks operate out of phase to reduce the input capacitor
requirement and noise.
The low quiescent current, low dropout voltage, and wide input
voltage range of the ADP5033 LDO extend the battery life of
portable devices. The ADP5033 LDOs maintain power supply
rejection greater than 60 dB for frequencies as high as 10 kHz
while operating with a low headroom voltage.
The regulators in the ADP5033 are activated by the ENA and
ENB pins. The specific channels controlled by ENA and ENB
are set by factory programming. A high voltage level applied to
the enable pins activates the regulators. The default output
voltages are factory programmable and can be set to a wide
range of options.
TYPICAL APPLICATION CIRCUIT
VIN1
2.3V TO 5.5V
SW1
VOUT1
PGND1
MODE
C5
10µF
L1 1µH
BUCK1
C2
4.7µF
C1
4.7µF
VIN2
AGND
BUCK2
SW2
VOUT2
PGND2
C6
10µF
L2 1µH
VOUT3
C7
1µF
VOUT4
C8
1µF
VIN3
C3
1µF
1.7V TO 5.5V
LDO1
(ANALOG)
VIN4
C4
1µF
ADP5033
ENA
ENB
ON
OFF
PSM/PWM
PWM
EN1
EN2
EN3
EN4
LDO2
(DIGITAL)
EN2
EN3
EN4
MODE
MODE
VOUT1 @
800mA
VOUT2 @
800mA
VOUT3 @
300mA
VOUT4 @
300mA
Figure 1.


Similar Part No. - ADP5033ACBZ-1-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5033 AD-ADP5033 Datasheet
758Kb / 28P
Dual 3 MHz, 800 mA Buck Regulators with Two 300 mA LDOs
REV. D
ADP5033 AD-ADP5033 Datasheet
758Kb / 28P
Dual 3 MHz, 800 mA Buck Regulators with Two 300 mA LDOs
REV. D
ADP5033 AD-ADP5033 Datasheet
782Kb / 24P
Triple 1800 mA Buck Regulator with Precision Enables and Power-Good Outputs
11/14-Revision 0
ADP5033 AD-ADP5033 Datasheet
758Kb / 28P
Dual 3 MHz, 1200 mA Buck Regulators with Two 300 mA LDOs
Rev. E
More results

Similar Description - ADP5033ACBZ-1-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5022 AD-ADP5022 Datasheet
683Kb / 28P
Dual 3 MHz, 600 mA Buck Regulator with 150 mA LDO
REV. A
ADP5034 AD-ADP5034 Datasheet
706Kb / 28P
Dual 3 MHz, 1200 mA Buck Regulators with Two 300 mA LDOs
REV. A
ADP5023 AD-ADP5023 Datasheet
826Kb / 28P
Dual 3 MHz, 800 mA Buck
REV. A
ADP5024 AD-ADP5024 Datasheet
993Kb / 28P
Dual 3 MHz, 1200 mA Buck
REV. A
ADP5037 AD-ADP5037 Datasheet
758Kb / 28P
Dual 3 MHz, 800 mA Buck Regulators with Two 300 mA LDOs
REV. D
ADP5037ACPZ-R7 AD-ADP5037ACPZ-R7 Datasheet
758Kb / 28P
Dual 3 MHz, 800 mA Buck Regulators with Two 300 mA LDOs
REV. D
ADP2140 AD-ADP2140 Datasheet
2Mb / 32P
3 MHz, 600 mA, Low Quiescent Current Buck with 300 mA LDO Regulator
10/2019-Rev. A to Rev. B
ADP5041 AD-ADP5041 Datasheet
4Mb / 40P
Micro PMU with 1.2 A Buck, Two 300 mA LDOs, Supervisory, Watchdog, and Manual Reset
5/2019-Rev. A to Rev. B
logo
Microchip Technology
MIC2810 MICROCHIP-MIC2810 Datasheet
2Mb / 26P
Digital Power Management IC 2 MHz, 600 mA DC/DC with Dual 300 mA/300 mA Low VIN LDOs
09/14/21
logo
Analog Devices
ADP5034 AD-ADP5034_V01 Datasheet
758Kb / 28P
Dual 3 MHz, 1200 mA Buck Regulators with Two 300 mA LDOs
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com