Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5033ACBZ-1-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP5033ACBZ-1-R7
Description  Dual 3 MHz, 800 mA Buck Regulators with Two 300 mA LDOs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5033ACBZ-1-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP5033ACBZ-1-R7 Datasheet HTML 11Page - Analog Devices ADP5033ACBZ-1-R7 Datasheet HTML 12Page - Analog Devices ADP5033ACBZ-1-R7 Datasheet HTML 13Page - Analog Devices ADP5033ACBZ-1-R7 Datasheet HTML 14Page - Analog Devices ADP5033ACBZ-1-R7 Datasheet HTML 15Page - Analog Devices ADP5033ACBZ-1-R7 Datasheet HTML 16Page - Analog Devices ADP5033ACBZ-1-R7 Datasheet HTML 17Page - Analog Devices ADP5033ACBZ-1-R7 Datasheet HTML 18Page - Analog Devices ADP5033ACBZ-1-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
ADP5033
Rev. 0 | Page 15 of 28
POWER DISSIPATION AND THERMAL CONSIDERATIONS
The ADP5033 is a highly efficient micropower management
unit (μPMU), and, in most cases, the power dissipated in the
device is not a concern. However, if the device operates at high
ambient temperatures and maximum loading condition, the
junction temperature can reach the maximum allowable
operating limit (125°C).
When the temperature exceeds 150°C, the ADP5033 turns off
all the regulators, allowing the device to cool down. When the
die temperature falls below 130°C, the ADP5033 resumes
normal operation.
This section provides guidelines to calculate the power dissi-
pated in the device and ensure that the ADP5033 operates
below the maximum allowable junction temperature.
The efficiency for each regulator on the ADP5033 is given by
100%
×
=
IN
OUT
P
P
η
(1)
)
is the rms load curren
where:
η
is the efficiency.
PIN
is the input power.
POUT
is the output power.
Power loss is given by
PLOSS
= PIN − POUT
(2a)
or
PLOSS
= POUT (1− η)/η
(2b)
Power dissipation can be calculated in several ways. The most
intuitive and practical is to measure the power dissipated at the
input and all the outputs. Perform the measurements at the
worst-case conditions (voltages, currents, and temperature).
The difference between input and output power is dissipated in
the device and the inductor. Use Equation 4 to derive the power
lost in the inductor and, from this, use Equation 3 to calculate
the power dissipation in the ADP5033 buck converter.
A second method to estimate the power dissipation uses the
efficiency curves provided for the buck regulator, and the power
lost on each LDO can be calculated using Equation 12. When
the buck efficiency is known, use Equation 2b to derive the total
power lost in the buck regulator and inductor, use Equation 4 to
derive the power lost in the inductor, and then calculate the
power dissipation in the buck converter using Equation 3. Add
the power dissipated in the buck and in the two LDOs to find
the total dissipated power.
Note that the buck efficiency curves are typical values and may
not be provided for all possible combinations of VIN, VOUT, and
IOUT. To account for these variations, it is necessary to include a
safety margin when calculating the power dissipated in the buck.
A third way to estimate the power dissipation is analytical and
involves modeling the losses in the buck circuit provided by
BUCK REGULATOR POWER DISSIPATION
The power loss of
Equation 8 to Equation 11 and the losses in the LDO provided
by Equation 12.
the buck regulator is approximated by
(3)
PDBU
rs.
r losses are external to the device, and they do not
ature.
(4)
DCR
t of the buck regulator.
PLOSS
= PDBUCK1 + PDBUCK2 + PL
where:
CK
is the power dissipation on one of the ADP5033 buck
regulato
PL
is the inductor power losses.
The inducto
have any effect on the die temper
The inductor losses are estimated (without core losses) by
PL ≈ IOUT1(RMS)
2 × DCRL
where:
L
is the inductor series resistance.
IOUT1(RMS
12
+
1
)
(
1
r
I
I
OUT1
RMS
OUT
×
=
(5)
where r is the inductor ripple cur
t
r ≈ VOUT1 × (1 − D)/(IOUT1 × L × fSW)
(6)
witching frequency.
(7)
lator power dissipation, PDBUCK, includes the
pow
(8)
to the output current,
IOUT
(9)
i-
mate
ren
where:
L is the inductance.
fSW is the s
D is the duty cycle.
D = VOUT1/VIN1
ADP5033 buck regu
er switch conductive losses, the switch losses, and the transi-
tion losses of each channel. There are other sources of loss, but
these are generally less significant at high output load currents,
where the thermal limit of the application is. Equation 8
captures the calculation that must be made to estimate the
power dissipation in the buck regulator.
PDBUCK = PCOND + PSW + PTRAN
The power switch conductive losses are due
1
, flowing through the P-MOSFET and the N-MOSFET
power switches that have internal resistance, RDSON-P and
RDSON-N. The amount of conductive power loss is found by
PCOND = [RDSON-P × D + RDSON-N × (1 − D)] × IOUT12
where RDSON-P is approximately 0.2 Ω, and RDSON-N is approx
ly 0.16 Ω at 125°C junction temperature and VIN1 = VIN2 =
3.6 V. At VIN1 = VIN2 = 2.3 V, these values change to 0.31 Ω and
0.21 Ω, respectively, and at VIN1 = VIN2 = 5.5 V, the values are
0.16 Ω and 0.14 Ω, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com