Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5033ACBZ-1-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP5033ACBZ-1-R7
Description  Dual 3 MHz, 800 mA Buck Regulators with Two 300 mA LDOs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5033ACBZ-1-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP5033ACBZ-1-R7 Datasheet HTML 14Page - Analog Devices ADP5033ACBZ-1-R7 Datasheet HTML 15Page - Analog Devices ADP5033ACBZ-1-R7 Datasheet HTML 16Page - Analog Devices ADP5033ACBZ-1-R7 Datasheet HTML 17Page - Analog Devices ADP5033ACBZ-1-R7 Datasheet HTML 18Page - Analog Devices ADP5033ACBZ-1-R7 Datasheet HTML 19Page - Analog Devices ADP5033ACBZ-1-R7 Datasheet HTML 20Page - Analog Devices ADP5033ACBZ-1-R7 Datasheet HTML 21Page - Analog Devices ADP5033ACBZ-1-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
ADP5033
Rev. 0 | Page 18 of 28
Undervoltage Lockout
To protect against battery discharge, undervoltage lockout (UVLO)
circuitry is integrated in the system. If the input voltage on VIN1
drops below a typical 2.15 V UVLO threshold, all channels shut
down. In the buck channels, both the power switch and the
synchronous rectifier turn off. When the voltage on VIN1 rises
above the UVLO threshold, the part is enabled once more.
Alternatively, the user can select device models with a UVLO
set at a higher level, suitable for USB applications. For these
models, the device reaches the turn-off threshold when the
input supply drops to 3.65 V typical.
In case of a thermal or UVLO event, the active pull-downs (if
factory enabled) are enabled to discharge the output capacitors
quickly. The pull-downs remain engaged until the input supply
voltage or thermal fault event is no longer present.
Enable/Shutdown
The ADP5033 has two enable pins (ENA and ENB). A high
level applied to the enable pins enables a certain selection of
regulators defined by factory programming. For example, the
ADP5033 can be factory programmed to enable BUCK1 and
LDO2 with ENA and BUCK2 and LDO1 with ENB. When both
enables are low, all regulators are turned off. When both enable
pins are high, all regulators are turned on. All possible regulator
combinations can be factory programmed to operate with the
ENA and ENB pins.
Figure 44 shows the regulator activation timings for the
ADP5033 when both enables are connected to VINx. Figure 44
also shows the active pull-down activation.
BUCK1 AND BUCK2
The two bucks use a fixed frequency and high speed current
mode architecture. The bucks operate with an input voltage of
2.3 V to 5.5 V.
Control Scheme
The bucks operate with a fixed frequency, current mode PWM
control architecture at medium to high loads for high efficiency
but shift to a PSM control scheme at light loads to lower the
regulation power losses. When operating in fixed frequency
PWM mode, the duty cycle of the integrated switches is adjusted
and regulates the output voltage. When operating in PSM at
light loads, the output voltage is controlled in a hysteretic
manner, with higher output voltage ripple. During part of this
time, the converter is able to stop switching and enters an idle
mode, which improves conversion efficiency.
PWM Mode
In PWM mode, the bucks operate at a fixed frequency of 3 MHz
set by an internal oscillator. At the start of each oscillator cycle,
the pFET switch is turned on, sending a positive voltage across
the inductor. Current in the inductor increases until the current
sense signal crosses the peak inductor current threshold that
turns off the pFET switch and turns on the nFET synchronous
rectifier. This sends a negative voltage across the inductor,
causing the inductor current to decrease. The synchronous
rectifier stays on for the rest of the cycle. The buck regulates the
output voltage by adjusting the peak inductor current threshold.
VIN1
VOUT3
VOUT4
VOUT1
VUVLO
VOUT2
VPOR
BUCK2
PULL-DOWN
BUCK1, LDO1, LDO2
PULL-DOWNS
50µs (MIN)
30µs (MIN)
50µs (MIN)
30µs (MIN)
Figure 44. Regulators Sequencing on the ADP5033 (ENx = VINx)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com