Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5033ACBZ-1-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP5033ACBZ-1-R7
Description  Dual 3 MHz, 800 mA Buck Regulators with Two 300 mA LDOs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5033ACBZ-1-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP5033ACBZ-1-R7 Datasheet HTML 13Page - Analog Devices ADP5033ACBZ-1-R7 Datasheet HTML 14Page - Analog Devices ADP5033ACBZ-1-R7 Datasheet HTML 15Page - Analog Devices ADP5033ACBZ-1-R7 Datasheet HTML 16Page - Analog Devices ADP5033ACBZ-1-R7 Datasheet HTML 17Page - Analog Devices ADP5033ACBZ-1-R7 Datasheet HTML 18Page - Analog Devices ADP5033ACBZ-1-R7 Datasheet HTML 19Page - Analog Devices ADP5033ACBZ-1-R7 Datasheet HTML 20Page - Analog Devices ADP5033ACBZ-1-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
ADP5033
Rev. 0 | Page 17 of 28
THEORY OF OPERATION
ENABLE
AND MODE
CONTROL
LDO
CONTROL
LDO
UNDERVOLTAGE
LOCK OUT
SOFT START
PWM/
PSM
CONTROL
BUCK2
DRIVER
AND
ANTISHOOT
THROUGH
SOFT START
PWM/
PSM
CONTROL
BUCK1
DRIVER
AND
ANTISHOOT
THROUGH
OSCILLATOR
THERMAL
SHUTDOWN
SYSTEM
UNDERVOLTAGE
LOCKOUT
PWM
COMP
GM ERROR
AMP
GM ERROR
AMP
PSM
COMP
PSM
COMP
LOW
CURRENT
ILIMIT
PWM
COMP
LOW
CURRENT
ILIMIT
R1
R2
ADP5033
VOUT1 VOUT2
VIN1
SW1
PGND1
ENA
ENBK1
ENBK2
ENLDO1
ENLDO2
ENB
VDDA
VIN3
AGND VOUT3
PGND2
MODE
SW2
VIN2
LDO
CONTROL
LDO
UNDERVOLTAGE
LOCK OUT
R3
R4
VDDA
VIN4
VOUT4
ENLDO1
600Ω
ENBK2
75Ω
ENBK1
75Ω
ENLDO1
600Ω
B
A
Y
SEL
OPMODE
MODE2
VDDA
Figure 43. Functional Block Diagram
POWER MANAGEMENT UNIT
The ADP5033 is a micropower management unit (μPMU)
combing two step-down (buck) dc-to-dc convertors and two
low dropout linear regulators (LDO). The high switching
frequency and tiny 16-ball WLCSP package allow for a small
power management solution.
To combine these high performance regulators into the μPMU,
there is a system controller allowing them to operate together.
The buck regulators can operate in forced PWM mode if the
MODE pin is at a logic high level. In forced PWM mode, the
buck switching frequency is always constant and does not
change with the load current. If the MODE pin is at logic low,
the switching regulators operate in auto PWM/PSM mode.
In this mode, the regulators operate at fixed PWM frequency
when the load current is above the power saving current thresh-
old. When the load current falls below the power save current
threshold, the regulator in question enters PSM where the
switching occurs in bursts. The burst repetition is a
function of the current load and the output capacitor value.
This operating mode reduces the switching and quiescent cur-
rent losses. The auto PWM/PSM mode transition is controlled
independently for each buck regulator. The two bucks operate
synchronized to each other.
When a regulator is turned on, the output voltage ramp is
controlled through a soft start circuit to avoid a large inrush
current due to the charging of the output capacitors.
Thermal Protection
In the event that the junction temperature rises above 150°C,
the thermal shutdown circuit turns off all the regulators. Extreme
junction temperatures can be the result of high current opera-
tion, poor circuit board design, or high ambient temperature.
A 20°C hysteresis is included so that when thermal shutdown
occurs, the regulators do not return to operation until the on-chip
temperature drops below 130°C. When coming out of thermal
shutdown, all regulators restart with soft start control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com