Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5033ACBZ-1-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADP5033ACBZ-1-R7
Description  Dual 3 MHz, 800 mA Buck Regulators with Two 300 mA LDOs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5033ACBZ-1-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADP5033ACBZ-1-R7 Datasheet HTML 20Page - Analog Devices ADP5033ACBZ-1-R7 Datasheet HTML 21Page - Analog Devices ADP5033ACBZ-1-R7 Datasheet HTML 22Page - Analog Devices ADP5033ACBZ-1-R7 Datasheet HTML 23Page - Analog Devices ADP5033ACBZ-1-R7 Datasheet HTML 24Page - Analog Devices ADP5033ACBZ-1-R7 Datasheet HTML 25Page - Analog Devices ADP5033ACBZ-1-R7 Datasheet HTML 26Page - Analog Devices ADP5033ACBZ-1-R7 Datasheet HTML 27Page - Analog Devices ADP5033ACBZ-1-R7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
ADP5033
Rev. 0 | Page 24 of 28
TYPICAL APPLICATION SCHEMATIC
VIN1
ENA
VIN:
2.3V TO 5.5V
SW1
VOUT1
VCORE
VCORE
VIO
VIO
GPIO
PGND1
MODE
C5
4.7µF
L1 1µH
BUCK1
ACT
C2
4.7µF
C1
4.7µF
VIN2
ENB
AGND
BUCK2
ON
OFF
SW2
VOUT2
PGND2
C6
4.7µF
L2 1µH
VOUT3
C7
1µF
VOUT4
C8
1µF
PROCESSOR
VANA
VDIG
ANALOG
SUBSYSTEM
VIN3
C3
1µF
FROM VIO
(1.7V MIN)
LDO1
VIN4
C4
1µF
FROM VCORE
(1.7V MIN)
ADP5033
ALWAYS ON
BK1
BK2
LD1
LD2
LDO2
Figure 47. Processor System Power Management with PSM/PWM Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com