Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24F04KA201 Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC24F04KA201
Description  Flash Programming Specifications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA201 Datasheet(HTML) 3 Page - Microchip Technology

  PIC24F04KA201 Datasheet HTML 1Page - Microchip Technology PIC24F04KA201 Datasheet HTML 2Page - Microchip Technology PIC24F04KA201 Datasheet HTML 3Page - Microchip Technology PIC24F04KA201 Datasheet HTML 4Page - Microchip Technology PIC24F04KA201 Datasheet HTML 5Page - Microchip Technology PIC24F04KA201 Datasheet HTML 6Page - Microchip Technology PIC24F04KA201 Datasheet HTML 7Page - Microchip Technology PIC24F04KA201 Datasheet HTML 8Page - Microchip Technology PIC24F04KA201 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
 2010 Microchip Technology Inc.
DS39991A-page 3
PIC24FXXKA2XX
2.2
Memory Map
The program memory map extends from 000000h to
FFFFFEh. Code storage is located at the base of the
memory map, and supports up to about 1.38 K words
of instructions (about 4 Kbytes). Figure 2-2 depicts the
memory map.
Table 2-2 provides the program memory size and
number of program memory rows present in each
device variant.
The erase operation can be done on one word, half of
a row or one row at a time. The program operation can
be done only one word at a time.
The device Configuration registers are implemented
from location, F80000h to F80010h, and can be erased
or programmed one register at a time. Table 2-3 pro-
vides the implemented Configuration registers and
their locations.
Locations, FF0000h and FF0002h, are reserved for the
Device ID registers. These bits can be used by the
programmer to identify the device type that is being
programmed. See Section 4.0 “Device ID” for more
information. The Device ID registers read out normally
even after code protection is applied.
TABLE 2-2:
PROGRAM MEMORY SIZES
TABLE 2-3:
CONFIGURATION REGISTER
LOCATIONS
FIGURE 2-2:
PROGRAM MEMORY MAP
Device
Program Memory
Upper Address
(Instruction Words)
Rows
PIC24F04KA200
AFEh (1.375K)
44
PIC24F04KA201
Configuration Register
Address
FGS
F80004
FOSCSEL
F80006
FOSC
F80008
FWDT
F8000A
FPOR
F8000C
FICD
F8000E
FDS
F80010
000000h
Code Memory
(2816 x 24-bit)
800000h
Device ID
FEFFFEh
FF0000h
FFFFFEh
Reserved
Reserved
8007F0h
FF0002h
FF0004h
Reserved
(2 x 16-bit)
User Flash
8007EEh
Configuration Registers
F80010h
F80000h
Diagnostic Words
800800h
8007FEh
000AFEh
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com