Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24F04KA201 Datasheet(PDF) 16 Page - Microchip Technology

Part # PIC24F04KA201
Description  Flash Programming Specifications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA201 Datasheet(HTML) 16 Page - Microchip Technology

Back Button PIC24F04KA201 Datasheet HTML 12Page - Microchip Technology PIC24F04KA201 Datasheet HTML 13Page - Microchip Technology PIC24F04KA201 Datasheet HTML 14Page - Microchip Technology PIC24F04KA201 Datasheet HTML 15Page - Microchip Technology PIC24F04KA201 Datasheet HTML 16Page - Microchip Technology PIC24F04KA201 Datasheet HTML 17Page - Microchip Technology PIC24F04KA201 Datasheet HTML 18Page - Microchip Technology PIC24F04KA201 Datasheet HTML 19Page - Microchip Technology PIC24F04KA201 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
PIC24FXXKA2XX
DS39991A-page 16
 2010 Microchip Technology Inc.
FWPSA
FWDT<4>
WDT Prescaler
1
= WDT prescaler ratio of 1:128
0
= WDT prescaler ratio of 1:32
FWDTEN
FWDT<7>
Watchdog Timer Enable bit
1
= WDT is enabled
0
= WDT is disabled (control is placed on the SWDTEN bit)
GSS0
FGS<1>
General Segment Code Flash Code Protection bit
1
= No protection
0
= Standard security is enabled
GWRP
FGS<0>
General Segment Code Flash Write Protection bit
1
= General segment may be written
0
= General segment is write-protected
ICS<1:0>
FICD<1:0>
ICD Pin Placement Select bit
11
= Reserved; do not use
10
= PGEC2/PGED2 are used for ICSP programming
01
= PGEC3/PGED3 are used for ICSP programming
00
= Reserved; do not use
IESO
FOSCSEL<7>
Internal External Switchover bit
1
= Internal External Switchover mode is enabled (Two-Speed Start-up
enabled)
0
= Internal External Switchover mode is disabled (Two-Speed Start-up disabled)
MCLRE(1)
FPOR<7>
MCLR Pin Enable bit(1)
1
= MCLR pin is enabled; RA5 input pin is disabled
0
= RA5 input pin is enabled; MCLR is disabled
OSCIOFNC
FOSC<2>
CLKO Enable Configuration bit
1
= CLKO output signal is active on the OSCO pin; primary oscillator must be
disabled or configured for the External Clock mode (EC) for the CLKO to
be active (POSCMD<1:0> = 11 or 00)
0
= CLKO output is disabled
POSCMD<1:0>
FOSC<1:0>
Primary Oscillator Configuration bits
11
= Primary oscillator disabled
10
= HS Oscillator mode selected (4 MHz-25 MHz)
01
= XT Oscillator mode selected (100 kHz-4 MHz)
00
= External Clock mode selected
POSCFREQ<1:0> FOSC<4:3>
Primary Oscillator Frequency Range Configuration bits
11
= Primary oscillator/external clock input frequency is greater than 8 MHz
10
= Primary oscillator/external clock input frequency is between 100 kHz and
8MHz
01
= Primary oscillator/external clock input frequency is less than 100 kHz
00
= Reserved; do not use
PWRTEN
FPOR<3>
Power-up Timer Enable bit
0
= PWRT is disabled
1
= PWRT is enabled
SOSCSEL
FOSC<5>
Secondary Oscillator Select bit
1
= Secondary oscillator is configured for high-power operation
0
= Secondary oscillator is configured for low-power operation
TABLE 3-8:
PIC24FXXKA2XX FAMILY CONFIGURATION BITS DESCRIPTION (CONTINUED)
Bit Field
Register
Description
Note 1:
The MCLRE fuse can only be changed when using the VPP-Based Test mode entry. This prevents a user
from accidentally locking out the device from low-voltage test entry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com