Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24F04KA201 Datasheet(PDF) 1 Page - Microchip Technology

Part # PIC24F04KA201
Description  Flash Programming Specifications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA201 Datasheet(HTML) 1 Page - Microchip Technology

  PIC24F04KA201 Datasheet HTML 1Page - Microchip Technology PIC24F04KA201 Datasheet HTML 2Page - Microchip Technology PIC24F04KA201 Datasheet HTML 3Page - Microchip Technology PIC24F04KA201 Datasheet HTML 4Page - Microchip Technology PIC24F04KA201 Datasheet HTML 5Page - Microchip Technology PIC24F04KA201 Datasheet HTML 6Page - Microchip Technology PIC24F04KA201 Datasheet HTML 7Page - Microchip Technology PIC24F04KA201 Datasheet HTML 8Page - Microchip Technology PIC24F04KA201 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
 2010 Microchip Technology Inc.
DS39991A-page 1
PIC24FXXKA2XX
1.0
DEVICE OVERVIEW
This document defines the programming specifications
for the PIC24FXXKA2XX family of 16-bit micro-
controller devices. This is required only for developing
programming support for the PIC24FXXKA2XX family.
Users of any one of these devices should use the
development tools that are already supporting the
device programming.
The programming specifications are specific to the
following devices:
• PIC24F04KA200
• PIC24F04KA201
2.0
PROGRAMMING OVERVIEW
OF THE PIC24FXXKA2XX
FAMILY
PIC24FXXKA2XX family devices are programmed
exclusively using In-Circuit Serial Programming™
(ICSP™). This method provides native, low-level pro-
gramming capability to erase, program and verify the
device. Section 3.0 “ICSP Programming” describes
the ICSP method.
2.1
Power Requirements
All devices in the PIC24FXXKA2XX family are
3.3V supply designs. The core, the peripherals and the
I/O pins operate at 3.3V. The device can operate from
1.8V to 3.6V.
Table 2-1 provides the pins that are required for
programming, which are indicated in Figure 2-1. Refer
to the device data sheet for complete pin descriptions.
TABLE 2-1:
PIN DESCRIPTIONS (DURING PROGRAMMING)
Note:
Unlike
other
PIC24F
devices,
PIC24FXXKA2XX devices do not support
Enhanced ICSP programming. These
devices also do not support in-circuit
debugging over the ICSP interface.
Pin Name
During Programming
Pin Name
Pin Type
Pin Description
MCLR/VPP
MCLR/VPP
P
Programming Enable
VDD
VDD
P
Power Supply
VSS
VSS
PGround
PGCx
PGC
I
Programming Pin Pair: Serial Clock
PGDx
PGD
I/O
Programming Pin Pair: Serial Data
Legend: I = Input, O = Output, P = Power
PIC24FXXKA2XX Flash Programming Specifications


Similar Part No. - PIC24F04KA201

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24F04KA201 MICROCHIP-PIC24F04KA201 Datasheet
3Mb / 224P
14/20-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
2009
PIC24F04KA201 MICROCHIP-PIC24F04KA201 Datasheet
97Kb / 8P
Silicon Errata and Data Sheet Clarification
2011
PIC24F04KA201 MICROCHIP-PIC24F04KA201 Datasheet
727Kb / 48P
Flash Programming Specifications
2008
PIC24F04KA201 MICROCHIP-PIC24F04KA201 Datasheet
782Kb / 78P
Debug Header Specification
2006-2012
PIC24F04KA201T-I/MQ MICROCHIP-PIC24F04KA201T-I/MQ Datasheet
3Mb / 224P
14/20-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
2009
More results

Similar Description - PIC24F04KA201

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC33F MICROCHIP-DSPIC33F Datasheet
988Kb / 80P
Flash Programming Specification
2007
PIC24F08KA101 MICROCHIP-PIC24F08KA101 Datasheet
727Kb / 48P
Flash Programming Specifications
2008
PIC32MX795F512L-80IPT MICROCHIP-PIC32MX795F512L-80IPT Datasheet
1Mb / 68P
PIC32 Flash Programming Specification
2007-2013
PIC18FXXK80 MICROCHIP-PIC18FXXK80 Datasheet
376Kb / 52P
Flash Microcontroller Programming Specification
08/04/10 2011
PIC18LF2XK22 MICROCHIP-PIC18LF2XK22 Datasheet
545Kb / 42P
Flash Memory Programming Specification
01/05/10 2010
PIC24FJ16GA004-EPT MICROCHIP-PIC24FJ16GA004-EPT Datasheet
681Kb / 52P
PIC24FJXXXGA0XX Flash Programming Specification
01/02/08
logo
Renesas Technology Corp
RX100 RENESAS-RX100 Datasheet
1Mb / 71P
Flash memory programming software
logo
STMicroelectronics
AN4035 STMICROELECTRONICS-AN4035 Datasheet
582Kb / 42P
Flash programming through
18-Sep-2013
AN1496 STMICROELECTRONICS-AN1496 Datasheet
240Kb / 17P
Flash Programming / Reprogramming
Sep-2013
PM0018 STMICROELECTRONICS-PM0018 Datasheet
158Kb / 10P
ST7 Flash programming
11-May-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com