Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24F04KA201 Datasheet(PDF) 4 Page - Microchip Technology

Part # PIC24F04KA201
Description  Flash Programming Specifications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA201 Datasheet(HTML) 4 Page - Microchip Technology

  PIC24F04KA201 Datasheet HTML 1Page - Microchip Technology PIC24F04KA201 Datasheet HTML 2Page - Microchip Technology PIC24F04KA201 Datasheet HTML 3Page - Microchip Technology PIC24F04KA201 Datasheet HTML 4Page - Microchip Technology PIC24F04KA201 Datasheet HTML 5Page - Microchip Technology PIC24F04KA201 Datasheet HTML 6Page - Microchip Technology PIC24F04KA201 Datasheet HTML 7Page - Microchip Technology PIC24F04KA201 Datasheet HTML 8Page - Microchip Technology PIC24F04KA201 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
PIC24FXXKA2XX
DS39991A-page 4
 2010 Microchip Technology Inc.
3.0
ICSP PROGRAMMING
The ICSP method is a special programming protocol
that allows reading and writing to the PIC24FXXKA2XX
device family memory. This is accomplished by apply-
ing control codes and instructions, serially to the
device, using PGCx and PGDx pins.
In ICSP mode, the system clock is taken from the
PGCx pin, regardless of the device‘s oscillator
Configuration bits. All of the instructions are shifted
serially to an internal buffer, loaded into the Instruction
Register (IR) and then executed. No program is fetched
from the internal memory. Instructions are fed in 24 bits
at a time. PGDx is used to shift data in, and PGCx is
used as both the serial shift clock and the CPU
execution clock.
3.1
Overview of the Programming
Process
Figure 3-1 illustrates the high-level overview of the
programming process.
After entering the ICSP mode, perform the following:
1.
Bulk Erase the device.
2.
Program and verify the code memory.
3.
Program and verify the device configuration.
4.
Program the code-protect Configuration bits if
required.
3.2
ICSP Operation
Upon entry into ICSP mode, the CPU is Idle. An
internal state machine governs the execution of the
CPU. A 4-bit control code is clocked in, using PGCx
and PGDx, and this control code is used to command
the CPU (see Table 3-1).
The SIX control code is used to send instructions to the
CPU for execution, and the REGOUT control code is
used to read data out of the device via the VISI register.
FIGURE 3-1:
HIGH–LEVEL ICSP™
PROGRAMMING FLOW
TABLE 3-1:
CPU CONTROL CODES IN
ICSP™ MODE
Note:
During ICSP operation, the operating
frequency of PGCx should not exceed
8MHz.
4-Bit
Control Code
Mnemonic
Description
0000
SIX
Shift in 24-bit instruction
and execute.
0001
REGOUT
Shift out the VISI
(0784h) register.
0010-1111
N/A
This is reserved.
Start
Perform Bulk
Erase
Program Memory
Verify Program
End
Enter ICSP™ Mode
Program Configuration Bits
Verify Configuration Bits
Exit ICSP Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com