Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24F04KA201 Datasheet(PDF) 17 Page - Microchip Technology

Part # PIC24F04KA201
Description  Flash Programming Specifications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA201 Datasheet(HTML) 17 Page - Microchip Technology

Back Button PIC24F04KA201 Datasheet HTML 13Page - Microchip Technology PIC24F04KA201 Datasheet HTML 14Page - Microchip Technology PIC24F04KA201 Datasheet HTML 15Page - Microchip Technology PIC24F04KA201 Datasheet HTML 16Page - Microchip Technology PIC24F04KA201 Datasheet HTML 17Page - Microchip Technology PIC24F04KA201 Datasheet HTML 18Page - Microchip Technology PIC24F04KA201 Datasheet HTML 19Page - Microchip Technology PIC24F04KA201 Datasheet HTML 20Page - Microchip Technology PIC24F04KA201 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
 2010 Microchip Technology Inc.
DS39991A-page 17
PIC24FXXKA2XX
WDTPS<3:0>
FWDT<3:0>
Watchdog Timer Postscale Select bits
1111
= 1:32,768
1110
= 1:16,384
•
•
•
0001
=1:2
0000
=1:1
WINDIS
FWDT<6>
Windowed Watchdog Timer Disable bit
1
= Standard WDT selected; windowed WDT is disabled
0
= Windowed WDT is enabled
TABLE 3-8:
PIC24FXXKA2XX FAMILY CONFIGURATION BITS DESCRIPTION (CONTINUED)
Bit Field
Register
Description
Note 1:
The MCLRE fuse can only be changed when using the VPP-Based Test mode entry. This prevents a user
from accidentally locking out the device from low-voltage test entry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com