Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX16929DGUI Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX16929DGUI
Description  Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16929DGUI Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX16929DGUI Datasheet HTML 1Page - Maxim Integrated Products MAX16929DGUI Datasheet HTML 2Page - Maxim Integrated Products MAX16929DGUI Datasheet HTML 3Page - Maxim Integrated Products MAX16929DGUI Datasheet HTML 4Page - Maxim Integrated Products MAX16929DGUI Datasheet HTML 5Page - Maxim Integrated Products MAX16929DGUI Datasheet HTML 6Page - Maxim Integrated Products MAX16929DGUI Datasheet HTML 7Page - Maxim Integrated Products MAX16929DGUI Datasheet HTML 8Page - Maxim Integrated Products MAX16929DGUI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
MAX16929
Automotive TFT-LCD Power Supply with Boost
Converter and Gate Voltage Regulators
����������������������������������������������������������������� Maxim Integrated Products 1
General Description
The MAX16929 is a highly integrated power supply for
automotive TFT-LCD applications. The device integrates
one buck converter, one boost converter, one 1.8V/3.3V
regulator controller, and two gate voltage regulators.
The device comes in several versions to satisfy com-
mon automotive power-supply requirements (see the
Ordering Information/Selector Guide table).
Designed to operate from a single 4V to 28V supply or
5.5V to 28V supply, the device is ideal for automotive
TFT-LCD applications.
Both the buck and boost converters use spread-spec-
trum modulation to reduce peak interference and to opti-
mize EMI performance.
The sequencing input (SEQ) allows flexible sequencing
of the positive-gate and negative-gate voltage regulators.
The power-good indicator (PGOOD) indicates a failure
on any of the converters or regulator outputs. Integrated
thermal shutdown circuitry protects the device from over-
heating.
The MAX16929 is available in a 28-pin TSSOP pack-
age with exposed pad, and operates over the -40NC to
+105NC temperature range.
Applications
Automotive Dashboards
Automotive Central Information Displays
Automotive Navigation Systems
Features
S
Operating Voltage Range of 4V to 28V (Buck) or
3V to 5.5V (Boost)
S
Independent 28V Input Buck Converter Powers
TFT Bias Supply Circuitry and External Circuitry
S
High-Power (Up to 6W) Boost Output Providing Up
to 18V
S
1.8V or 3.3V Regulator Provides 500mA with
External npn Transistor
S
One Positive-Gate Voltage Regulator Capable of
Delivering 20mA at 28V
S
One Negative-Gate Voltage Regulator
S
High-Frequency Operation
2.1MHz (Buck Converter)
2.2MHz (Boost Converter)
S
Flexible Stand-Alone Sequencing
S
True Shutdown™ Boost Converter
S
6µA Low-Current Shutdown Mode (Buck)
S
Internal Soft-Start
S
Overtemperature Shutdown
S
-40NC to +105NC Operation
19-5857; Rev 0; 5/11
True Shutdown is a trademark of Maxim Integrated Products, Inc.
Typical Application Circuit appears at end of data sheet.
Ordering Information/Selector Guide appears at end of data
sheet.
For related parts and recommended products to use with this part, refer to: www.maxim-ic.com/MAX16929.related
E V A L U A T I O N K I T A V A I L A B L E
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX16929DGUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16929 MAXIM-MAX16929 Datasheet
2Mb / 25P
Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators
Rev 2; 1/12
MAX16929EVKIT MAXIM-MAX16929EVKIT Datasheet
1Mb / 9P
4.5V to 28V Input Range
Rev 0; 4/11
MAX16929EVKIT# MAXIM-MAX16929EVKIT# Datasheet
1Mb / 9P
4.5V to 28V Input Range
Rev 0; 4/11
MAX16929 MAXIM-MAX16929_12 Datasheet
2Mb / 25P
Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators
Rev 2; 1/12
More results

Similar Description - MAX16929DGUI

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8152FVM ROHM-BD8152FVM Datasheet
355Kb / 6P
TFT-LCD Bias Boost Converter
BD8158FVM ROHM-BD8158FVM Datasheet
302Kb / 6P
TFT-LCD Bias Boost Converter
logo
Intersil Corporation
ISL78010 INTERSIL-ISL78010 Datasheet
393Kb / 18P
Automotive Grade TFT-LCD Power Supply
logo
Maxim Integrated Produc...
MAX16928 MAXIM-MAX16928 Datasheet
2Mb / 20P
Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators
Rev 0; 7/11
logo
Intersil Corporation
ISL78010 INTERSIL-ISL78010_11 Datasheet
694Kb / 19P
Automotive Grade TFT-LCD Power Supply
logo
Maxim Integrated Produc...
MAX16928 MAXIM-MAX16928_12 Datasheet
2Mb / 20P
Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators
Rev 1; 1/12
MAX16929 MAXIM-MAX16929_12 Datasheet
2Mb / 25P
Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators
Rev 2; 1/12
logo
Intersil Corporation
ISL78010ANZ INTERSIL-ISL78010ANZ Datasheet
460Kb / 19P
Automotive Grade TFT-LCD Power Supply
December 4, 2013
logo
Maxim Integrated Produc...
MAX16927 MAXIM-MAX16927 Datasheet
1Mb / 36P
Automotive TFT-LCD Power Supply with Boost, Buck, and Cuk Converters, VCOM Buffers, Gate Drivers, and SPI Interface
Rev 6; 5/18
MAX16928 MAXIM-MAX16928_V01 Datasheet
1Mb / 20P
Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators
2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com