Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX16929DGUI Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # MAX16929DGUI
Description  Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16929DGUI Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button MAX16929DGUI Datasheet HTML 15Page - Maxim Integrated Products MAX16929DGUI Datasheet HTML 16Page - Maxim Integrated Products MAX16929DGUI Datasheet HTML 17Page - Maxim Integrated Products MAX16929DGUI Datasheet HTML 18Page - Maxim Integrated Products MAX16929DGUI Datasheet HTML 19Page - Maxim Integrated Products MAX16929DGUI Datasheet HTML 20Page - Maxim Integrated Products MAX16929DGUI Datasheet HTML 21Page - Maxim Integrated Products MAX16929DGUI Datasheet HTML 22Page - Maxim Integrated Products MAX16929DGUI Datasheet HTML 23Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
���������������������������������������������������������������� Maxim Integrated Products 19
MAX16929
Automotive TFT-LCD Power Supply with Boost
Converter and Gate Voltage Regulators
For highest efficiency, choose the lowest number of
charge-pump stages that meets the output requirement.
The number of positive charge-pump stages needed is
given by:
GH
DROPOUT
SH
CP
SH
SCHOTTKY
D
V
+V
V
n
=
V
+V
2 V
−
− ×
and the number of negative charge-pump stages is
given by:
GL
DROPOUT
CN
SH
SCHOTTKY
D
|V
|+V
n
=
V
V
2 V
+
− ×
where nCP is the number of positive charge-pump stag-
es, nCN is the number of negative charge-pump stages,
VGH is the positive-gate voltage regulator output volt-
age, VGL is the negative-gate voltage regulator output
voltage, VSH is the boost converter’s output voltage, VD
is the forward-voltage drop of the charge-pump diode,
VSCHOTTKY is the forward drop of the Schottky diode
of the boost converter, and VDROPOUT is the dropout
margin for the regulator. Use VDROPOUT = 0.3V for the
negative voltage regulator and VDROPOUT = 2V at 20mA
for the positive-gate voltage regulator.
Flying Capacitors
Increasing the flying capacitor (CX) value lowers the
effective source impedance and increases the output
current capability. Increasing the capacitance indefi-
nitely has a negligible effect on output current capability
because the internal switch resistance and the diode
impedance place a lower limit on the source impedance.
A 0.1FF ceramic capacitor works well in most low-current
applications. The voltage rating of the flying capacitors
for the positive charge pump should exceed VCP, and
that for the negative charge pump should exceed the
magnitude of VCN.
Charge-Pump Output Capacitor
Increasing the output capacitance or decreasing the ESR
reduces the output-ripple voltage and the peak-to-peak
transient voltage. With ceramic capacitors, the output-
voltage ripple is dominated by the capacitance value.
Use the following equation to approximate the required
output capacitance for the noninverting charge pump
connected to CP:
LOAD_CP
OUT_CP
SW
RIPPLE_CP
D I
C
f
V
×
≥
×
where COUT_CP is the output capacitor of the charge
pump, D is the duty cycle of the boost converter, ILOAD_CP
is the load current of the charge pump, fSW is the switch-
ing frequency of the boost converter, and VRIPPLE_CP is
the peak-to-peak value of the output ripple.
For the inverting charge pump connected to CN, use the
following equation to approximate the required output
capacitance:
LOAD_CN
OUT_CN
SW
RIPPLE_CN
(1-D) I
C
f
V
×
≥
×
where COUT_CN is the output capacitor of the charge
pump, D is the duty cycle of the boost converter,
ILOAD_CN is the load current of the charge pump, fSW
is the switching frequency of the boost converter, and
VRIPPLE_CN is the peak-to-peak value of the output
ripple.
Charge-Pump Rectifier Diodes
Use high-speed silicon switching diodes with a current
rating equal to or greater than two times the average
charge-pump input current. If it helps avoid an extra
stage, some or all of the diodes can be replaced with
Schottky diodes with an equivalent current rating.
Positive-Gate Voltage Regulator
Output-Voltage Selection
The output voltage of the positive-gate voltage regula-
tor can be adjusted by using a resistive voltage-divider
formed by RTOP and RBOTTOM. Connect RTOP between
the output and FBGH, and connect RBOTTOM between
FBGH and GND. Select RBOTTOM in the 10kI to 50kI
range. Calculate RTOP with the following equation:
GH
TOP
BOTTOM
FBGH
V
R
R
(
1)
V
=
×
−
where VGH is the desired output voltage and VFBGH = 1V
(the regulated feedback voltage for the regulator). Place
both resistors as close as possible to the device.
Avoid excessive power dissipation within the internal
pMOS device of the regulator by paying attention to the
voltage drop across the drain and source. The amount of
power dissipation is given by:
PGL = (VCP - VGH) × ILOAD(MAX)
where VCP is the noninverting charge-pump output volt-
age applied to the drain, VGH is the regulated output
voltage, and ILOAD(MAX) is the maximum load current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com