Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX16929DGUI Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX16929DGUI
Description  Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16929DGUI Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX16929DGUI Datasheet HTML 17Page - Maxim Integrated Products MAX16929DGUI Datasheet HTML 18Page - Maxim Integrated Products MAX16929DGUI Datasheet HTML 19Page - Maxim Integrated Products MAX16929DGUI Datasheet HTML 20Page - Maxim Integrated Products MAX16929DGUI Datasheet HTML 21Page - Maxim Integrated Products MAX16929DGUI Datasheet HTML 22Page - Maxim Integrated Products MAX16929DGUI Datasheet HTML 23Page - Maxim Integrated Products MAX16929DGUI Datasheet HTML 24Page - Maxim Integrated Products MAX16929DGUI Datasheet HTML 25Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
���������������������������������������������������������������� Maxim Integrated Products 21
MAX16929
Automotive TFT-LCD Power Supply with Boost
Converter and Gate Voltage Regulators
3) Next, calculate the pole set by the transistor’s input
capacitance, the transistor’s input resistance, and the
base-to-emitter pullup resistor:
POLE_IN
IN
BE
IN
1
f
2
C
(R
/R )
=
π ×
×
where:
m
FE
IN
IN
T
m
g
h
C
, R
2 f
g
=
=
π
gm is the transconductance of the pass transistor, and
fT is the transition frequency. Both parameters can be
found in the transistor’s data sheet. Because RBE is
much greater than RIN, the above equation can be
simplified:
POLE_IN
IN
IN
1
f
2
C
R
=
π ×
×
Substituting for CIN and RIN yields:
T
POLE
FE
f
f
h
=
4) Next, calculate the pole set by the regulator’s feed-
back resistance and the capacitance between FBGL
and GND (including stray capacitance):
POLE_FBGL
FBGL
TOP
BOTTOM
1
f
2
C
(R
/R
)
=
π ×
×
where CFBGL is the capacitance between FBGL and
GND and is equal to 30pF, RTOP is the upper resistor
of the regulator’s feedback divider, and RBOTTOM is
the lower resistor of the divider.
5) Next, calculate the zero caused by the output capaci-
tor’s ESR:
ZERO_ESR
OUT_LR
ESR
1
f
2
C
R
=
π ×
×
where RESR is the equivalent series resistance of
COUT_LR. To ensure stability, make COUT_LR large
enough so the crossover occurs well before the poles
and zero calculated in steps 2 to 5. The poles in steps
3 and 4 generally occur at several MHz and using
ceramic capacitors ensures the ESR zero also occurs
at several MHz. Placing the crossover frequency below
500kHz is sufficient to avoid the amplifier delay pole
and generally works well, unless unusual component
choices or extra capacitances move one of the other
poles or the zero below 1MHz.
Table 4 is a list of recommended minimum output capaci-
tance for the negative-gate voltage regulator and are
applicable for output currents in the 10mA to 15mA range.
Applications Information
Power Dissipation
An IC’s maximum power dissipation depends on the ther-
mal resistance from the die to the ambient environment
and the ambient temperature. The thermal resistance
depends on the IC package, PCB copper area, other
thermal mass, and airflow. More PCB copper, cooler
ambient air, and more airflow increase the possible dis-
sipation, while less copper or warmer air decreases the
IC’s dissipation capability. The major components of
power dissipation are the power dissipated in the buck
converter, boost converter, positive-gate voltage regula-
tor, negative-gate voltage regulator, and the 1.8V/3.3V
regulator controller.
Buck Converter
In the buck converter, conduction and switching losses
in the internal MOSFET are dominant. Estimate these
losses using the following formula:
PLXB ≈ [(IOUTB × √D)2 × RDS_ON(LXB)] + [0.5 × VINB ×
IOUTB × (tR + tF) × fSWB]
where IOUTB is the output current, D is the duty cycle
of the buck converter, RDS_ON(LXB) is the on-resistance
of the internal high-side FET, VINB is the input voltage,
(tR + tF) is the time is takes for the switch current and
voltage to settle to their final values during the rising and
falling transitions, and fSWB is the switching frequency
of the buck converter. RDS_ON(LXB) is 180mI (typ) and
(tR + tF) is 4.4ns + 4.6ns = 9ns at VINB = 12V.
Table 4. Minimum Output Capacitance vs.
Output Voltage Range for Negative-Gate
Voltage Regulator (IOUT = 10mA to 15mA)
OUTPUT VOLTAGE
RANGE
MINIMUM OUTPUT
CAPACITANCE (µF)
-2V R VGL R -4V
2.2
-5V R VGL R -7V
1.5
-8V R VGL R -13V
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com