Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX16929DGUI Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX16929DGUI
Description  Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16929DGUI Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX16929DGUI Datasheet HTML 2Page - Maxim Integrated Products MAX16929DGUI Datasheet HTML 3Page - Maxim Integrated Products MAX16929DGUI Datasheet HTML 4Page - Maxim Integrated Products MAX16929DGUI Datasheet HTML 5Page - Maxim Integrated Products MAX16929DGUI Datasheet HTML 6Page - Maxim Integrated Products MAX16929DGUI Datasheet HTML 7Page - Maxim Integrated Products MAX16929DGUI Datasheet HTML 8Page - Maxim Integrated Products MAX16929DGUI Datasheet HTML 9Page - Maxim Integrated Products MAX16929DGUI Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
����������������������������������������������������������������� Maxim Integrated Products 6
MAX16929
Automotive TFT-LCD Power Supply with Boost
Converter and Gate Voltage Regulators
Typical Operating Characteristics
(VINA = 5V, VINB = 12V, measurements taken on “A” version, unless otherwise noted; VSH = 12V, VGH = 18V, VGL = -6V, VREG = 3.3V,
VOUTB = 5V, TA = +25NC, unless otherwise noted.)
LOAD-TRANSIENT RESPONSE (BUCK)
MAX16929 toc06
IOUTB
1A/div
1.8A
0.2A
VOUTB
(AC-COUPLED)
100mV/div
400µs/div
STARTUP WAVEFORMS (BUCK)
MAX16929 toc05
VENB
5V/div
ILXB
2A/div
VOUTB
2V/div
1ms/div
LOAD REGULATION (BUCK)
LOAD CURRENT (A)
1.6
1.2
0.8
0.4
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
-6
0
2.0
VINB = 28V
VINB = 18V
VINB = 12V
LINE REGULATION (BUCK)
INPUT VOLTAGE (V)
26
24
20 22
8 10 12 14 16 18
6
-3.2
-2.4
-1.6
-0.8
0
0.8
1.6
2.4
3.2
4.0
-4.0
4
28
IOUTB = 0A
IOUTB = 1A
IOUTB = 2A
EFFICIENCY vs. LOAD CURRENT (BUCK)
LOAD CURRENT (A)
1.6
1.2
0.8
0.4
0
2.0
10
20
30
40
50
60
70
80
90
100
0
VINB =12V
VINB =18V
VINB = 28V
SHUTDOWN SUPPLY CURRENT (BUCK)
SUPPLY VOLTAGE (V)
24
20
16
12
8
2
4
6
8
10
12
14
16
18
20
0
4
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com