Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX16929DGUI Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX16929DGUI
Description  Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16929DGUI Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX16929DGUI Datasheet HTML 14Page - Maxim Integrated Products MAX16929DGUI Datasheet HTML 15Page - Maxim Integrated Products MAX16929DGUI Datasheet HTML 16Page - Maxim Integrated Products MAX16929DGUI Datasheet HTML 17Page - Maxim Integrated Products MAX16929DGUI Datasheet HTML 18Page - Maxim Integrated Products MAX16929DGUI Datasheet HTML 19Page - Maxim Integrated Products MAX16929DGUI Datasheet HTML 20Page - Maxim Integrated Products MAX16929DGUI Datasheet HTML 21Page - Maxim Integrated Products MAX16929DGUI Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
���������������������������������������������������������������� Maxim Integrated Products 18
MAX16929
Automotive TFT-LCD Power Supply with Boost
Converter and Gate Voltage Regulators
Table 3. Compensation Component Values
To further optimize transient response, vary RCOMPV
in 20% steps and CCOMPV in 50% steps while observ-
ing transient-response waveforms. The ideal transient
response is achieved when the output settles quickly with
little or no overshoot. Connect the compensation network
to the analog ground plane.
Use the following formula to calculate the value for CCOMPI:
CCOMPI ≤ 550 × 10-6 × L/fSW × (VSH + VSCHOTTKY - VINA)
where fSW = 2.2MHz.
p-Channel FET Selection
The p-channel FET used to gate the boost converter’s
input should have low on-resistance. Connect a resistor
(RSG) between the source and gate of the FET. Under
normal operation, RSG carries a gate drive current of
55FA and the resulting gate source voltage (VGS) turns
on the FET. When the gate drive is removed under a fault
condition or in shutdown, RSG bleeds off charge to turn
off the FET. Size RSG to produce the VGS needed to turn
on the FET.
1.8V/3.3V Regulator Controller
npn Bipolar Transistor Selection
There are two important considerations in selecting the
pass npn bipolar transistor: current gain (hFE) and power
dissipation. Select a transistor with an hFE high enough to
ensure adequate drive capability. This condition is satis-
fied when IDR x (hFE + 1) is greater than the maximum
load current. The regulator can source IDR = 4.5mA (min).
The transistor should be capable of dissipating:
PNPN_REG = (VINA - VREG_OUT) × ILOAD(MAX)
where VREG_OUT = 1.8V or 3.3V. Bypass DR to ground
with a 0.1FF ceramic capacitor. For applications in which
the boost output current exceeds 300mA, connect a
30kI resistor from DR to ground.
Supply Considerations
INA needs to be at least 4.5V for the 3.3V regulator to
operate properly.
Charge Pumps
Selecting the Number of Charge-Pump Stages
For most applications, a single charge-pump stage is
sufficient, as shown in the Typical Application Circuit.
Connect the flying capacitors to LXP. The output voltages
generated on the storage capacitors are given by:
VCP = 2 x VSH + VSCHOTTKY - 2 x VD
VCN = -(VSH + VSCHOTTKY - 2 x VD)
where VCP is the positive supply for the positive-gate volt-
age regulator, and VCN is the negative supply for the neg-
ative-gate voltage regulator. Where larger output voltages
are needed, use multistage charge pumps (however, the
maximum charge-pump voltage is limited by the absolute
maximum ratings of CP and DRVN). Figure 2 and Figure 3
show the configuration of a multistage charge pump for
both positive and negative output voltages.
For mutistage charge pumps the output voltages are:
VCP = VSH + n × (VSH + VSCHOTTKY - 2 x VD)
VCN = -n × (VSH + VSCHOTTKY - 2 x VD)
Figure 2. Multistage Charge Pump for Positive Output Voltage
Figure 3. Multistage Charge Pump for Negative Output Voltage
VSH (V)
8
18
ISH (mA)
200
200
VINA (V)
3.3
5
PIN (W)
1.75
3.75
L (µH)
5
5
RCOMPV (kI)
33
39
CCOMPV (pF)
220
180
CCOMPI (pF)
820
330
VSH
VCP
LXP
VCN
LXP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com