Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9621 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA9621
Description  65 mA 8-bit 2-wire bus output port
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9621 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA9621 Datasheet HTML 1Page - NXP Semiconductors PCA9621 Datasheet HTML 2Page - NXP Semiconductors PCA9621 Datasheet HTML 3Page - NXP Semiconductors PCA9621 Datasheet HTML 4Page - NXP Semiconductors PCA9621 Datasheet HTML 5Page - NXP Semiconductors PCA9621 Datasheet HTML 6Page - NXP Semiconductors PCA9621 Datasheet HTML 7Page - NXP Semiconductors PCA9621 Datasheet HTML 8Page - NXP Semiconductors PCA9621 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
PCA9621
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 9 March 2011
3 of 18
NXP Semiconductors
PCA9621
65 mA 8-bit 2-wire bus output port
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 2.
Pin configuration for SO16
Fig 3.
Pin configuration for TSSOP16
PCA9621D
A0
VDD
A1
SDA
RESET
SCL
P0
A2
P1
P7
P2
P6
P3
P5
VSS
P4
002aaf381
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
PCA9621PW
002aaf382
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
A0
VDD
A1
SDA
RESET
SCL
P0
A2
P1
P7
P2
P6
P3
P5
VSS
P4
Table 2.
Pin description
Symbol
Pin
Description
A0
1
address input 0
A1
2
address input 1
RESET
3
active LOW reset input
P0
4
output port 0
P1
5
output port 1
P2
6
output port 2
P3
7
output port 3
VSS
8
negative supply (ground)
P4
9
output port 4
P5
10
output port 5
P6
11
output port 6
P7
12
output port 7
A2
13
address input 2
SCL
14
serial clock line
SDA
15
serial data line
VDD
16
positive supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com