Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9621 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCA9621
Description  65 mA 8-bit 2-wire bus output port
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9621 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCA9621 Datasheet HTML 1Page - NXP Semiconductors PCA9621 Datasheet HTML 2Page - NXP Semiconductors PCA9621 Datasheet HTML 3Page - NXP Semiconductors PCA9621 Datasheet HTML 4Page - NXP Semiconductors PCA9621 Datasheet HTML 5Page - NXP Semiconductors PCA9621 Datasheet HTML 6Page - NXP Semiconductors PCA9621 Datasheet HTML 7Page - NXP Semiconductors PCA9621 Datasheet HTML 8Page - NXP Semiconductors PCA9621 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
PCA9621
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 9 March 2011
5 of 18
NXP Semiconductors
PCA9621
65 mA 8-bit 2-wire bus output port
7.6 A0, A1, A2 — address lines
The slave address of the PCA9621 is shown in Figure 4. The address pins (A2, A1, A0)
must be driven to a HIGH or LOW level—they are not internally pulled to a default state.
The read/write bit must be set LOW to enable a write to the Control register, or HIGH to
read from the Control register.
7.7 Control register
The Control register of the PCA9621 is shown in Figure 5. Each of the four output ports
can be activated independently by setting the appropriate bit in the Control register.
A LOW or ‘zero’ bit indicates that the respective channel (P7 to P0) is disabled
(high-impedance). The default reset condition of the register is all zeros, all ports
high-impedance. A HIGH or ‘one’ bit indicates the respective channel is active (sinking).
Example: Programming C1h (1100 0001b) into the Control register results in ports P0, P6
and P7 being ON (sinking) and the remaining ports being OFF (high-impedance).
Fig 4.
Slave address
002aaf383
1
1
0
0
A2
A1
A0 R/W
fixed
externally
selectable
read = 1
write = 0
1 = ON (sinking)
0 = OFF (high-impedance)
Fig 5.
Control register
002aaf384
P7
P6
P5
P4
P3
P2
P1
P0
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com