Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9621 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA9621
Description  65 mA 8-bit 2-wire bus output port
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9621 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA9621 Datasheet HTML 3Page - NXP Semiconductors PCA9621 Datasheet HTML 4Page - NXP Semiconductors PCA9621 Datasheet HTML 5Page - NXP Semiconductors PCA9621 Datasheet HTML 6Page - NXP Semiconductors PCA9621 Datasheet HTML 7Page - NXP Semiconductors PCA9621 Datasheet HTML 8Page - NXP Semiconductors PCA9621 Datasheet HTML 9Page - NXP Semiconductors PCA9621 Datasheet HTML 10Page - NXP Semiconductors PCA9621 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
PCA9621
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 9 March 2011
7 of 18
NXP Semiconductors
PCA9621
65 mA 8-bit 2-wire bus output port
10. Characteristics
Table 4.
Characteristics
Tamb = −40 °C to +85 °C; voltages are specified with respect to ground (VSS); VDD = 5.5 V unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Power supply
VDD
supply voltage
operating
2.7
-
5.5
V
IDD
supply current
quiescent; VI (RESET pin) = 0 V;
VDD =5.5 V
--
1
μA
I2C-bus ports (SCL, SDA)
VI2C-bus
I2C-bus voltage
SDA, SCL
VSS − 0.3
-
VDD +0.3
V
VIL
LOW-level input voltage
VDD =2.7 V
[1] --
0.4
V
VDD =5.5 V
[1] --
0.5
V
VIH
HIGH-level input voltage
VDD =2.7 V
[1] 1.2
-
-
V
VDD =5.5 V
[1] 2.0
-
-
V
ILI
input leakage current
pin at VDD or VSS
−1-
+1
μA
VOL
LOW-level output voltage
IOL =30 mA; VDD = 2.7 V
-
260
450
mV
IOL =30 mA; VDD = 5.5 V
-
140
275
mV
Open-drain output ports (P0 to P7)
IO(sink)
output sink current
LOW-level; port enabled
65
-
-
mA
VOL
LOW-level output voltage
IOL = 65 mA
-
440
725
mV
IOL =100 μA-
1
-
mV
RESET
VIH
HIGH-level input voltage
VDD = 2.7 V
2.0
-
-
V
VDD = 5.5 V
4.8
-
-
V
VIL
LOW-level input voltage
VDD = 2.7 V
-
-
650
mV
VDD = 5.5 V
-
-
900
mV
Vhys
hysteresis voltage
VDD = 2.7 V
100
-
-
mV
VDD = 5.5 V
200
-
-
mV
ILI
input leakage current
pin at VDD or VSS
−1-
+1
μA
tw(rst)L
LOW-level reset time
VI <VIL
[2] -25
-
ns
trst
reset time
RESET pin; from VI > VIH
-
250
500
ns
tPOR
power-on reset pulse time
RESET pin; from VI > VIH
-
250
500
ns
Address pins (A0, A1, A2)
VIH
HIGH-level input voltage
VDD = 2.7 V
1.7
-
-
V
VDD = 5.5 V
3.5
-
-
V
VIL
LOW-level input voltage
VDD = 2.7 V
-
-
0.7
V
VDD = 5.5 V
-
-
1.5
V
ILI
input leakage current
pin at VDD or VSS
−1-
+1
μA
Timing characteristics
tf
fall time of both SDA and
SCL signals
RPU = 200 Ω; measured from
70 % VDD to 30 % VDD
-16
-
ns
tv(Q)
data output valid time
[3] -
-
500
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com