Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9621 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCA9621
Description  65 mA 8-bit 2-wire bus output port
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9621 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCA9621 Datasheet HTML 5Page - NXP Semiconductors PCA9621 Datasheet HTML 6Page - NXP Semiconductors PCA9621 Datasheet HTML 7Page - NXP Semiconductors PCA9621 Datasheet HTML 8Page - NXP Semiconductors PCA9621 Datasheet HTML 9Page - NXP Semiconductors PCA9621 Datasheet HTML 10Page - NXP Semiconductors PCA9621 Datasheet HTML 11Page - NXP Semiconductors PCA9621 Datasheet HTML 12Page - NXP Semiconductors PCA9621 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
PCA9621
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 9 March 2011
9 of 18
NXP Semiconductors
PCA9621
65 mA 8-bit 2-wire bus output port
11. Application information
Figure 11 shows the PCA9621 in conjunction with the PCA9646 bus multiplexer in a LED
drive application. Each PCA9621 can drive 8 LEDs, and using the address pins on the IC,
up to 8 uniquely addressed devices can sit on one bus branch. The PCA9646 has four
such outputs, giving 256 LEDs in the structure shown.
By additionally using the address pins on the PCA9646, the entire structure may be
repeated 8 times, allowing 2048 LEDs to be uniquely driven. By additionally placing
PCA9646’s in series (refer to the PCA9646 data sheet), the structure may be further
extensively multiplied into a huge array.
Fig 11. PCA9621 in a large LED array
002aaf397
BUS MASTER
U2
VDD
SCL
SDA
R8
SC0
SD0
SCL
SDA
PCA9646
VDD
SC0
SD0
U1
RESET
5 V
PCA9621
U3
U10
R7
R1
R2
SC2
SD2
SC2
SD2
R3
R4
SC3
SD3
SC3
SD3
R5
R6
buses SC2/SD2, SC3/SD3
as shown for
SC0/SD0, SC1/SD1
Entire structure can be repeated
8 times using PCA9646 address pins
(further expansion possible).
A0
A1
A2
VSS
R10
SC1
SD1
SC1
SD1
PCA9621
U11
U18
R9
8
P[7:0]
8 LEDs
8
P[7:0]
8 LEDs
8
× PCA9621
each with
8 LEDs = 64 LEDs
PCA9621
8
P[7:0]
8 LEDs
PCA9621
8
P[7:0]
8 LEDs
8
× PCA9621
each with
8 LEDs = 64 LEDs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com