Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9621 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA9621
Description  65 mA 8-bit 2-wire bus output port
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9621 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA9621 Datasheet HTML 4Page - NXP Semiconductors PCA9621 Datasheet HTML 5Page - NXP Semiconductors PCA9621 Datasheet HTML 6Page - NXP Semiconductors PCA9621 Datasheet HTML 7Page - NXP Semiconductors PCA9621 Datasheet HTML 8Page - NXP Semiconductors PCA9621 Datasheet HTML 9Page - NXP Semiconductors PCA9621 Datasheet HTML 10Page - NXP Semiconductors PCA9621 Datasheet HTML 11Page - NXP Semiconductors PCA9621 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
PCA9621
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 9 March 2011
8 of 18
NXP Semiconductors
PCA9621
65 mA 8-bit 2-wire bus output port
[1]
Supply voltage dependent; refer to graphs (Figure 8 through Figure 10) for typical trend.
[2]
Guaranteed by design, not subject to test.
[3]
Time between STOP condition and output port (P0 to P7) being asserted.
Tamb =25 °CIOL =30mA
Fig 8.
Typical SDA LOW-level output voltage versus
pull-up resistance
Fig 9.
Typical SDA LOW-level output voltage versus
ambient temperature
Tamb =25 °C; VDD =5.5 V
Fig 10. Typical output port (P0 to P7) LOW-level output voltage versus LOW-level output sink current
100
150
50
200
250
VOL
(mV)
0
RPU (Ω)
0
1000
800
400
600
200
002aaf372
VDD = 5.5 V
2.7 V
100
300
400
VOL
(mV)
0
Tamb (C)
−50
150
100
050
002aaf373
200
VDD = 2.7 V
5.5 V
50
150
250
VOL
(mV)
0
IO(sink) (mA)
080
60
20
40
002aaf389
200
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com