Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85103C-2 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCF85103C-2
Description  256 x 8-bit CMOS EEPROM with I2C-bus interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF85103C-2 Datasheet(HTML) 4 Page - NXP Semiconductors

  PCF85103C-2 Datasheet HTML 1Page - NXP Semiconductors PCF85103C-2 Datasheet HTML 2Page - NXP Semiconductors PCF85103C-2 Datasheet HTML 3Page - NXP Semiconductors PCF85103C-2 Datasheet HTML 4Page - NXP Semiconductors PCF85103C-2 Datasheet HTML 5Page - NXP Semiconductors PCF85103C-2 Datasheet HTML 6Page - NXP Semiconductors PCF85103C-2 Datasheet HTML 7Page - NXP Semiconductors PCF85103C-2 Datasheet HTML 8Page - NXP Semiconductors PCF85103C-2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Philips Semiconductors
PCF85103C-2
256
× 8-bit CMOS EEPROM with I2C-bus interface
Product data
Rev. 04 — 22 October 2004
4 of 20
9397 750 14218
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
6.
Pinning information
6.1 Pinning
6.2 Pin description
7.
Device addressing
[1]
The Most Significant Bit (MSB) ‘b7’ is sent first.
A2, A1, A0 are hardware selectable pins.
A system could have up to eight PCF85103C-2 devices on the same I2C-bus,
equivalent to a 16 kbit EEPROM or 8 pages of 256 bytes of memory.
The eight addresses are defined by the state of the A0, A1, A2 inputs (logic level ‘1’
when connected to VDD, logic level ‘0’ when connected to GND). Figure 3 shows the
various address combinations.
Fig 2.
Pin configuration.
1
2
3
4
8
7
6
5
A0
A1
A2
VSS
SDA
SCL
N.C.
VDD
002aaa251
Table 4:
Pin description
Symbol
Pin
Description
A0
1
address input 0
A1
2
address input 1
A2
3
address input 2
VSS
4
negative supply voltage
SDA
5
serial data input/output (I2C-bus)
SCL
6
serial clock input (I2C-bus)
N.C.
7
no connect
VDD
8
positive supply voltage
Table 5:
Device address code
Selection
Device code
Chip Enable
R/W
Bit
b7[1]
b6
b5
b4
b3
b2
b1
b0
Device
0
0
1
0
A2
A1
A0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com