Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85103C-2 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCF85103C-2
Description  256 x 8-bit CMOS EEPROM with I2C-bus interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF85103C-2 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCF85103C-2 Datasheet HTML 5Page - NXP Semiconductors PCF85103C-2 Datasheet HTML 6Page - NXP Semiconductors PCF85103C-2 Datasheet HTML 7Page - NXP Semiconductors PCF85103C-2 Datasheet HTML 8Page - NXP Semiconductors PCF85103C-2 Datasheet HTML 9Page - NXP Semiconductors PCF85103C-2 Datasheet HTML 10Page - NXP Semiconductors PCF85103C-2 Datasheet HTML 11Page - NXP Semiconductors PCF85103C-2 Datasheet HTML 12Page - NXP Semiconductors PCF85103C-2 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Philips Semiconductors
PCF85103C-2
256
× 8-bit CMOS EEPROM with I2C-bus interface
Product data
Rev. 04 — 22 October 2004
9 of 20
9397 750 14218
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
8.1.5
Read operations
Read operations are initiated in the same manner as write operations with the
exception that the LSB of the slave address is set to logic 1.
There are three basic read operations: current address read, random read, and
sequential read.
Remark: The lower 8 bits of the word address are incremented after each
transmission of a data byte (read or write). The MSB of the word address, which is
defined in the slave address, is not changed when the word address count overflows.
Thus, the word address overflows from 255 to 0, and from 511 to 256.
Fig 7.
Master reads PCF85103C-2 slave after setting word address (write word address; read data);
sequential read.
S0 A
SLAVE ADDRESS
WORD ADDRESS
A
A
SLAVE ADDRESS
acknowledge
from slave
acknowledge
from slave
acknowledge
from slave
R/W
acknowledge
from master
A
DATA
auto increment
word address
MBA703
P
no acknowledge
from master
1
DATA
auto increment
word address
last byte
R/W
S1
n bytes
at this moment master
transmitter becomes
master receiver and
EEPROM slave receiver
becomes slave transmitter
Fig 8.
Master reads PCF85103C-2 immediately after first byte (read mode); current address read.
S
1A
SLAVE ADDRESS
DATA
A1
DATA
acknowledge
from slave
acknowledge
from master
no acknowledge
from master
R/W
auto increment
word address
MBA704 - 1
auto increment
word address
n bytes
last bytes
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com