Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85103C-2 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCF85103C-2
Description  256 x 8-bit CMOS EEPROM with I2C-bus interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF85103C-2 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCF85103C-2 Datasheet HTML 4Page - NXP Semiconductors PCF85103C-2 Datasheet HTML 5Page - NXP Semiconductors PCF85103C-2 Datasheet HTML 6Page - NXP Semiconductors PCF85103C-2 Datasheet HTML 7Page - NXP Semiconductors PCF85103C-2 Datasheet HTML 8Page - NXP Semiconductors PCF85103C-2 Datasheet HTML 9Page - NXP Semiconductors PCF85103C-2 Datasheet HTML 10Page - NXP Semiconductors PCF85103C-2 Datasheet HTML 11Page - NXP Semiconductors PCF85103C-2 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Philips Semiconductors
PCF85103C-2
256
× 8-bit CMOS EEPROM with I2C-bus interface
Product data
Rev. 04 — 22 October 2004
8 of 20
9397 750 14218
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Page write: The PCF85103C-2 is capable of an eight-byte page write operation. It is
initiated in the same manner as the byte write operation. The master can transit eight
data bytes within one transmission. After receipt of each byte, the PCF85103C-2 will
respond with an acknowledge. The typical E/W time in this mode is
9
× 3.5 ms = 31.5 ms. Erasing a block of 8 bytes in page mode takes typical 3.5 ms
and sequential writing of these 8 bytes another typical 28 ms.
After the receipt of each data byte, the three low-order bits of the word address are
internally incremented. The high-order five bits of the address remain unchanged.
The slave acknowledges the reception of each data byte with an ACK. The I2C-bus
data transfer is terminated by the master after the 8th byte with a STOP condition. If
the master transmits more than eight bytes prior to generating the STOP condition,
no acknowledge will be given on the ninth (and following) data bytes and the whole
transmission will be ignored and no programming will be done. As in the byte write
operation, all inputs are disabled until completion of the internal write cycles.
Fig 5.
Auto-increment memory word address; two byte write.
S
0A
SLAVE ADDRESS
WORD ADDRESS
AA
DATA
P
acknowledge
from slave
acknowledge
from slave
acknowledge
from slave
acknowledge
from slave
A
DATA
R/W
auto increment
word address
auto increment
word address
MBA701
Fig 6.
Page write operation; eight bytes.
S0 A
SLAVE ADDRESS
WORD ADDRESS
A
A
DATA N
acknowledge
from slave
acknowledge
from slave
acknowledge
from slave
R/W
auto increment
word address
acknowledge
from slave
A
DATA N + 1
auto increment
word address
002aaa245
A
acknowledge
from slave
A
DATA N + 7
auto increment
word address
last byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com