Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85103C-2 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCF85103C-2
Description  256 x 8-bit CMOS EEPROM with I2C-bus interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF85103C-2 Datasheet(HTML) 1 Page - NXP Semiconductors

  PCF85103C-2 Datasheet HTML 1Page - NXP Semiconductors PCF85103C-2 Datasheet HTML 2Page - NXP Semiconductors PCF85103C-2 Datasheet HTML 3Page - NXP Semiconductors PCF85103C-2 Datasheet HTML 4Page - NXP Semiconductors PCF85103C-2 Datasheet HTML 5Page - NXP Semiconductors PCF85103C-2 Datasheet HTML 6Page - NXP Semiconductors PCF85103C-2 Datasheet HTML 7Page - NXP Semiconductors PCF85103C-2 Datasheet HTML 8Page - NXP Semiconductors PCF85103C-2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
PCF85103C-2
256
× 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04 — 22 October 2004
Product data
1.
Description
The PCF85103C-2 is a floating gate Electrically Erasable Programmable Read Only
Memory (EEPROM) with 2 kbits (256
× 8-bit) non-volatile storage. By using an
internal redundant storage code, it is fault tolerant to single bit errors. This feature
dramatically increases the reliability compared to conventional EEPROMs. Power
consumption is low due to the full CMOS technology used. The programming voltage
is generated on-chip, using a voltage multiplier.
Data bytes are received and transmitted via the serial I2C-bus. Up to eight
PCF85103C-2 devices may be connected to the I2C-bus. Chip select is accomplished
by three address inputs (A0, A1 and A2).
The PCF85103C-2 is identical to PCF85102C-2 except for the fixed I2C address,
allowing up to eight PCF85102C-2 and eight PCF85103C-2 on the same I2C-bus.
2.
Features
s Low power CMOS:
x 2.0 mA maximum operating current
x maximum standby current 10
µA (at 6.0 V), typical 4 µA
s Non-volatile storage of 2 kbits organized as 256
× 8-bit
s Single supply with full operation down to 2.5 V
s On-chip voltage multiplier
s Serial input/output I2C-bus
s Write operations:
x byte write mode
x 8-byte page write mode (minimizes total write time per byte)
s Read operations:
x sequential read
x random read
s Internal timer for writing (no external components)
s Internal power-on reset
s 0 kHz to 100 kHz clock frequency
s High reliability by using a redundant storage code
s Endurance: 1,000,000 Erase/Write (E/W) cycles at Tamb =22 °C
s 10 years non-volatile data retention time
s Pin compatible to: PCF8570, PCF8571, PCF8572, PCA8581, PCF8582, and
PCF85102


Similar Part No. - PCF85103C-2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF85103C-2 PHILIPS-PCF85103C-2 Datasheet
99Kb / 20P
256 x 8-bit CMOS EEPROMs with I2C-bus interface
2000 Feb 15
PCF85103C-2 PHILIPS-PCF85103C-2 Datasheet
346Kb / 20P
256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 02-09 May 2002
PCF85103C-2P PHILIPS-PCF85103C-2P Datasheet
99Kb / 20P
256 x 8-bit CMOS EEPROMs with I2C-bus interface
2000 Feb 15
PCF85103C-2P PHILIPS-PCF85103C-2P Datasheet
346Kb / 20P
256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 02-09 May 2002
PCF85103C-2T PHILIPS-PCF85103C-2T Datasheet
99Kb / 20P
256 x 8-bit CMOS EEPROMs with I2C-bus interface
2000 Feb 15
More results

Similar Description - PCF85103C-2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA8581 PHILIPS-PCA8581 Datasheet
131Kb / 20P
128 x 8-bit EEPROM with I2C-bus interface
1997 Apr 02
PCA8581C PHILIPS-PCA8581C Datasheet
107Kb / 20P
128 x 8-bit EEPROM with I2C-bus interface
1997 Apr 02
PCF85102C-2 PHILIPS-PCF85102C-2 Datasheet
99Kb / 20P
256 x 8-bit CMOS EEPROMs with I2C-bus interface
2000 Feb 15
PCF85103C-2 PHILIPS-PCF85103C-2 Datasheet
346Kb / 20P
256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 02-09 May 2002
PCF8594C-2 PHILIPS-PCF8594C-2 Datasheet
394Kb / 21P
512 X 8-bit CMOS EEPROM with I2C-bus interface
Rev. 05-25 October 2004
logo
Integral Corp.
INF8594E INTEGRAL-INF8594E Datasheet
98Kb / 2P
512 x 8-Bit CMOS EEPROM with I2C-Bus Interface
logo
NXP Semiconductors
PCX8582X-2 PHILIPS-PCX8582X-2 Datasheet
156Kb / 20P
256 x 8-bit CMOS EEPROMS with I2C-bus interface
December 1994
PCF85116-3 PHILIPS-PCF85116-3 Datasheet
164Kb / 21P
2048 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-25 October 2004
PCF8582C-2 PHILIPS-PCF8582C-2_04 Datasheet
127Kb / 21P
256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-25 October 2004
PCF85102C-2 PHILIPS-PCF85102C-2_04 Datasheet
120Kb / 20P
256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-22 October 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com