Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85103C-2 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCF85103C-2
Description  256 x 8-bit CMOS EEPROM with I2C-bus interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF85103C-2 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCF85103C-2 Datasheet HTML 2Page - NXP Semiconductors PCF85103C-2 Datasheet HTML 3Page - NXP Semiconductors PCF85103C-2 Datasheet HTML 4Page - NXP Semiconductors PCF85103C-2 Datasheet HTML 5Page - NXP Semiconductors PCF85103C-2 Datasheet HTML 6Page - NXP Semiconductors PCF85103C-2 Datasheet HTML 7Page - NXP Semiconductors PCF85103C-2 Datasheet HTML 8Page - NXP Semiconductors PCF85103C-2 Datasheet HTML 9Page - NXP Semiconductors PCF85103C-2 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Philips Semiconductors
PCF85103C-2
256
× 8-bit CMOS EEPROM with I2C-bus interface
Product data
Rev. 04 — 22 October 2004
6 of 20
9397 750 14218
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
8.
Functional description
8.1 I2C-bus protocol
The I2C-bus is for 2-way, 2-line communication between different ICs or modules. The
serial bus consists of two bidirectional lines; one for data signals (SDA), and one for
clock signals (SCL).
Both the SDA and SCL lines must be connected to a positive supply voltage via a
pull-up resistor.
The following protocol has been defined:
• Data transfer may be initiated only when the bus is not busy.
• During data transfer, the data line must remain stable whenever the clock line is
HIGH. Changes in the data line while the clock line is HIGH will be interpreted as
control signals.
8.1.1
Bus conditions
The following bus conditions have been defined:
Bus not busy — Both data and clock lines remain HIGH.
Start data transfer — A change in the state of the data line, from HIGH-to-LOW,
while the clock is HIGH, defines the START condition.
Stop data transfer — A change in the state of the data line, from LOW-to-HIGH,
while the clock is HIGH, defines the STOP condition.
Data valid — The state of the data line represents valid data when, after a START
condition, the data line is stable for the duration of the HIGH period of the clock
signal. There is one clock pulse per bit of data.
8.1.2
Data transfer
Each data transfer is initiated with a START condition and terminated with a STOP
condition. The number of the data bytes, transferred between the START and STOP
conditions is limited to 7 bytes in the E/W mode and 8 bytes in the Page E/W mode.
Data transfer is unlimited in the read mode. The information is transmitted in bytes
and each receiver acknowledges with a ninth bit.
Within the I2C-bus specifications, a standard-speed mode (100 kHz clock rate) and a
fast speed mode (400 kHz clock rate) are defined. The PCF85103C-2 operates in
only the standard-speed mode.
By definition, a device that sends a signal is called a ‘transmitter’, and the device
which receives the signal is called a ‘receiver’. The device which controls the signal is
called the ‘master’. The devices that are controlled by the master are called ‘slaves’.
Each byte is followed by one acknowledge bit. This acknowledge bit is a HIGH level,
put on the bus by the transmitter. The master generates an extra acknowledge related
clock pulse. The slave receiver which is addressed is obliged to generate an
acknowledge after the reception of each byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com