Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6228Q Datasheet(PDF) 15 Page - STMicroelectronics

Part # L6228Q
Description  DMOS driver for bipolar stepper motor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6228Q Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L6228Q Datasheet HTML 11Page - STMicroelectronics L6228Q Datasheet HTML 12Page - STMicroelectronics L6228Q Datasheet HTML 13Page - STMicroelectronics L6228Q Datasheet HTML 14Page - STMicroelectronics L6228Q Datasheet HTML 15Page - STMicroelectronics L6228Q Datasheet HTML 16Page - STMicroelectronics L6228Q Datasheet HTML 17Page - STMicroelectronics L6228Q Datasheet HTML 18Page - STMicroelectronics L6228Q Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
L6228Q
Circuit description
Doc ID 14321 Rev 4
15/32
tRCRISE = 600 · COFF
Figure 15 shows the lower limit for the on time tON for having a good PWM current regulation
capacity. It has to be said that t
ON is always bigger than t
ON(MIN) because the device imposes
this condition, but it can be smaller than tRCRISE - tDT. In this last case the device continues
to work but the off time tOFF is not more constant.
So, small COFF value gives more flexibility for the applications (allows smaller on time and,
therefore, higher switching frequency), but, the smaller is the value for COFF, the more
influential will be the noises on the circuit performance.
Figure 14.
tOFF versus COFF and ROFF
tON tON MIN
()
>
2.5
μs
=
t
ON
t
RCRISE
t
DT
–
>
⎩⎭
⎨⎬
⎧⎫
(typ. value)
0.1
1
10
100
1
10
100
1.10
3
1.10
4
Coff [nF]
Roff = 100kΩ
Roff = 47kΩ
Roff = 20kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com