Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6228Q Datasheet(PDF) 28 Page - STMicroelectronics

Part # L6228Q
Description  DMOS driver for bipolar stepper motor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6228Q Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L6228Q Datasheet HTML 24Page - STMicroelectronics L6228Q Datasheet HTML 25Page - STMicroelectronics L6228Q Datasheet HTML 26Page - STMicroelectronics L6228Q Datasheet HTML 27Page - STMicroelectronics L6228Q Datasheet HTML 28Page - STMicroelectronics L6228Q Datasheet HTML 29Page - STMicroelectronics L6228Q Datasheet HTML 30Page - STMicroelectronics L6228Q Datasheet HTML 31Page - STMicroelectronics L6228Q Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
Package mechanical data
L6228Q
28/32
Doc ID 14321 Rev 4
8
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Note:
VFQFPN stands for thermally enhanced very thin profile fine pitch quad flat package no
lead. Very thin profile: 0.80 < A < 1.00 mm.
Details of terminal 1 are optional but must be located on the top surface of the package by
using either a mold or marked features.
Table 8.
VFQFPN32 5x5x1.0 pitch 0.50
Dim.
Databook (mm)
Min
Typ
Max
A
0.80
0.85
0.95
b
0.18
0.25
0.30
b1
0.165
0.175
0.185
D
4.85
5.00
5.15
D2
3.00
3.10
3.20
D3
1.10
1.20
1.30
E
4.85
5.00
5.15
E2
4.20
4.30
4.40
E3
0.60
0.70
0.80
e0.50
L
0.30
0.40
0.50
ddd
0.08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com