Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6228Q Datasheet(PDF) 18 Page - STMicroelectronics

Part # L6228Q
Description  DMOS driver for bipolar stepper motor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6228Q Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L6228Q Datasheet HTML 14Page - STMicroelectronics L6228Q Datasheet HTML 15Page - STMicroelectronics L6228Q Datasheet HTML 16Page - STMicroelectronics L6228Q Datasheet HTML 17Page - STMicroelectronics L6228Q Datasheet HTML 18Page - STMicroelectronics L6228Q Datasheet HTML 19Page - STMicroelectronics L6228Q Datasheet HTML 20Page - STMicroelectronics L6228Q Datasheet HTML 21Page - STMicroelectronics L6228Q Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
Circuit description
L6228Q
18/32
Doc ID 14321 Rev 4
4.7
Normal drive mode (full-step two-phase-on)
A LOW level on the HALF/FULL input selects the full step mode. When the low level is
applied when the state machine is at an ODD numbered state the normal drive mode is
selected. Figure 19 shows the motor current waveform state diagram for the state machine
of the phase sequencer generator. The normal drive mode can easily be selected by holding
the HALF/FULL input low and applying a RESET. At start -up or after a RESET the state
machine is in state 1. While the HALF/FULL input is kept low, state changes following the
sequence 1,3,5,7,… if CW/CCW is high (Clockwise movement) or 1,7,5,3,… if CW/CCW is
low (Counterclockwise movement).
4.8
Wave drive mode (full-step one-phase-on)
A LOW level on the pin HALF/FULL input selects the full step mode. When the low level is
applied when the state machine is at an EVEN numbered state the wave drive mode is
selected. Figure 20 shows the motor current waveform and the state diagram for the state
machine of the phase sequence generator. To enter the wave drive mode the state machine
must be in an EVEN numbered state. The most direct method to select the Wave Drive
Mode is to first apply a RESET, then while keeping the HALF/FULL input high apply one
pulse to the clock input then take the HALF/FULL input low. This sequence first forces the
state machine to state 1. The clock pulse, with the HALF/FULL input high advances the
state machine from state 1 to either state 2 or 8 depending on the CW/CCW input. Starting
from this point, after each clock pulse (rising edge) will advance the state machine following
the sequence 2,4,6,8,… if CW/CCW is high (clockwise movement) or 8,6,4,2,… if CW/CCW
is low (counterclockwise movement).
Figure 18.
Half step mode
Figure 19.
Normal drive mode
3
2
4
5
1
D01IN1320
2345678
6
1
8
7
IOUTA
IOUTB
CLOCK
Start Up or Reset
2
4
1
D01IN1322
3571357
6
8
IOUTA
IOUTB
CLOCK
35
17
Start Up or Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com