Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6228Q Datasheet(PDF) 23 Page - STMicroelectronics

Part # L6228Q
Description  DMOS driver for bipolar stepper motor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6228Q Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L6228Q Datasheet HTML 19Page - STMicroelectronics L6228Q Datasheet HTML 20Page - STMicroelectronics L6228Q Datasheet HTML 21Page - STMicroelectronics L6228Q Datasheet HTML 22Page - STMicroelectronics L6228Q Datasheet HTML 23Page - STMicroelectronics L6228Q Datasheet HTML 24Page - STMicroelectronics L6228Q Datasheet HTML 25Page - STMicroelectronics L6228Q Datasheet HTML 26Page - STMicroelectronics L6228Q Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
L6228Q
Application information
Doc ID 14321 Rev 4
23/32
5
Application information
A typical bipolar stepper motor driver application using L6228Q is shown in Figure 25.
Typical component values for the application are shown in Table 7. A high quality ceramic
capacitor in the range of 100 to 200 nF should be placed between the power pins (VSA and
VSB) and ground near the L6228Q to improve the high frequency filtering on the power
supply and reduce high frequency transients generated by the switching. The capacitor
connected from the EN input to ground sets the shut down time when an over current is
detected (see overcurrent protection). The two current sensing inputs (SENSEA and
SENSEB) should be connected to the sensing resistors with a trace length as short as
possible in the layout. The sense resistors should be non-inductive resistors to minimize the
dI/dt transients across the resistor. To increase noise immunity, unused logic pins (except
EN) are best connected to 5 V (high logic level) or GND (low logic level) (see pin
description). It is recommended to keep power ground and signal ground separated on PCB.
Table 7.
Component values for typical application
Component
Value
C1
100 µF
C2
100 nF
CA
1 nF
CB
1 nF
CBOOT
220 nF
CP
10 nF
CEN
5.6 nF
CREF
68 nF
D1
1N4148
D2
1N4148
RA
39 k
Ω
RB
39 k
Ω
REN
100 k
Ω
RSENSEA
0.6
Ω
RSENSEB
0.6
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com